Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP1 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 86Page - STMicroelectronics ST20-GP1 Datasheet HTML 87Page - STMicroelectronics ST20-GP1 Datasheet HTML 88Page - STMicroelectronics ST20-GP1 Datasheet HTML 89Page - STMicroelectronics ST20-GP1 Datasheet HTML 90Page - STMicroelectronics ST20-GP1 Datasheet HTML 91Page - STMicroelectronics ST20-GP1 Datasheet HTML 92Page - STMicroelectronics ST20-GP1 Datasheet HTML 93Page - STMicroelectronics ST20-GP1 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
ST20-GP1
90/116
®
15.4.1 Dreq/Dack protocol
In this mode the 2 control pins PlinknotReq (Dreq) and PlinknotAck (Dack) are active low. The
initial (inactive) state of the 2 control wires is high.
Dreq/Dack output
The sequence of events for a Dreq/Dack output is outlined below.
1
PlinknotReq (Dreq), input to ST20, is taken low by the external ASIC.
2
The ST20-GP1 asserts the PlinknotAck (Dack) output low. The ASIC can then take
PlinknotReq (Dreq) high.
3
Following PlinknotAck (Dack) going low, the data in the DMA buffer is applied to the output
pins. PlinknotAck (Dack) is forced high and the output drivers are tristated. The ASIC can
initiate the next transfer.
Dreq/Dack input
The sequence of events for a Dreq/Dack input is outlined below.
1
PlinknotReq (Dreq), input to ST20, is taken low by the external ASIC.
2
The ST20-GP1 then asserts the PlinknotAck (Dack) output low.
3
The external ASIC applies the data to be transferred to the PlinkData0-7 pins. The ASIC
can then return PlinknotReq (Dreq) high at any time.
4
The data on the input pins is sampled, then PlinknotAck (Dack) is forced high.
Figure 15.1 Dreq/Dack protocol
ST20 Output
PlinknotReq
PlinknotAck
PlinkData0-7
ST20 Input
PlinknotReq
PlinknotAck
PlinkData0-7
(Dreq)
(Dack)
(Dreq)
(Dack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com