Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 66 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 66 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Z8FS021 Datasheet HTML 62Page - Zilog, Inc. Z8FS021 Datasheet HTML 63Page - Zilog, Inc. Z8FS021 Datasheet HTML 64Page - Zilog, Inc. Z8FS021 Datasheet HTML 65Page - Zilog, Inc. Z8FS021 Datasheet HTML 66Page - Zilog, Inc. Z8FS021 Datasheet HTML 67Page - Zilog, Inc. Z8FS021 Datasheet HTML 68Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
PS028806-0315
Appendix B. PIR Engine Initialization and Control
ZMOTION® Intrusion Detection
Product Specification
58
The flow diagram shown in Figure 13 displays the general software operation for Low
Scan Rate mode.
Figure 13. Application Flow Diagram, Normal Scan Rate
 
Set bit 7 ofePIR_SC1
(Engine Timer Tick)
5 Millisecond
Timer Interrupt
Return
One Second
Timer Tick
Start next ADC
Sample
Execute
EPIR_ADC_ISR
Macro
1 Second?
No
Yes
5 Millisecond
ADC Scan
Monitor ePIR
API for Events
RESET
Initialize API Registers
Recommended settings supplied in
lens/pyro configuration file
PIR S can Rate = 1
User
Application
Code
Set ePIR_Enable Register to
ePIR_ENABLE_PATTERN
Execute EPIR_INIT Macro
Wait for PIR Sensor Stable
ePIR_SC0:0=1
ePIR
Initialization
Main
Application
Loop
Initialize Flash Frequency Register
Enable ADC in PWRCTL0
Initialize Oscillator & WDT
Set up GPIO’s for application
Set up Timer for 5 Millisecond Interrupt
Enable Global Interrupts
HALT
(Optional)
Application
Initialization
Turn off ADC to
Conserve Power
Enter ADC
Interrupt
Exit ADC
Interrupt
ADC
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com