Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 51 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 51 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Z8FS021 Datasheet HTML 51Page - Zilog, Inc. Z8FS021 Datasheet HTML 52Page - Zilog, Inc. Z8FS021 Datasheet HTML 53Page - Zilog, Inc. Z8FS021 Datasheet HTML 54Page - Zilog, Inc. Z8FS021 Datasheet HTML 55Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
43
Table 26 summarizes the maximum Noise Sensitivity values for each window size.
Table 26. Maximum Noise Sensitivity Values
Window Size
Max PIR Noise Sensitivity
Value
Typical Value
Small
0Ch
08h
Medium
1Dh
12h
Large
46h
2D
Table 27. PIR Signal
(ePIR_Signal)
Bit
15
14
13
12
11
10
9876543210
Field
PIR Signal
Control
Read
Address
FAH
FBH
PIR Signal (Bits 15–0)
Controlled by the PIR Engine.
• These registers contain the last PIR signal obtained by the Engine. Each time the Engine generates
a new PIR signal sample it will place it in these registers and set the New Sample bit in the PIR
Advanced Status/Control 0 Register. This gives the application direct visibility to the PIR generated
signal for debugging purposes.
• Note: The 16 bit value provided by these two 8 bit registers must be read as an atomic operation by
the application. This can be ensured by either using the CPU's ATM instruction or by disabling
interrupts while reading the two 8 bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com