Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 59 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 59 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 55Page - Zilog, Inc. Z8FS021 Datasheet HTML 56Page - Zilog, Inc. Z8FS021 Datasheet HTML 57Page - Zilog, Inc. Z8FS021 Datasheet HTML 58Page - Zilog, Inc. Z8FS021 Datasheet HTML 59Page - Zilog, Inc. Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Z8FS021 Datasheet HTML 62Page - Zilog, Inc. Z8FS021 Datasheet HTML 63Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
PS028806-0315
Appendix A. Example Application Schematics
ZMOTION® Intrusion Detection
Product Specification
51
Z8FS021xHH20EG (20-Pin)
Examples of single and dual pyro circuit designs employing the 20-pin ZMOTION Intru-
sion Detection MCU are described in this section.
Single Pyroelectric Sensor
Figure 8 shows an example circuit for the 20-pin ZMOTION Intrusion Detection MCU
with a single pyroelectric sensor. The interface to the pyroelectric sensor is via the dedi-
cated input ANA2 (pin 2).
VREF (pin 18) must be externally tied to ANA3 (pin 3). This is considered Internal VREF
and bit 7 of PIR_ASC0 is set to '0' since it is being generated by the internal voltage refer-
ence. If an externally generated voltage reference is to be used, tie it directly to ANA3 (pin
3) and VREF (pin 18) and set bit 7 of PIR_ASC0 to '1'.
The status LED is driven by pin 1 (PB1/ANA1) which is normally configured as a GPIO
by the application to control the state of the LED. When White Light Detection is enabled,
the PIR Engine automatically reconfigures this pin to an ADC input to perform the neces-
sary ADC conversion and returns it to a GPIO when done.
Pin 15 is dedicated as the Debug pin and is connected to pin 4 of the Debug Header. Pin 14
is set up for the Reset function, but can also be used as PD0 (general purpose I/O) as the
application requires. Pull-up resistors (10K) are provided on the Debug and Reset signals
as required for the Debug interface. All other signals can be used as required.
The power supply design remains available to application requirements.
Figure 8. Example Circuit with the Z8FS021xHH20EG (20-Pin) ZMOTION Intrusion Detection MCU,
Single Pyro Mode
10K
VDD (3.3V)
1
2
3
4
5
6
VCC
RESET
GND
DBG
GND
NC
Debug Header
Z8FS021xHH20EG
1
2
3
4
14
16
15
17
VDD
6
5
7
10
20
19
18
13
12
11
8
9
PB1/ANA1
ANA2
ANA3
PA0/T0IN/T0OUT/XIN
VSS
PA1/ T0OUT/XOUT
PA2/DE0
PA4/RXD0
PA3/CTS0
PB0/ANA0
PC3/COUT
PC2/ANA6/LED/V
REF
PC1/ANA5/CINN
PC0/ANA4/CINP
DBG
PA7/T1OUT
PA5/TXD0
RESET/PD0
PA6/T1IN/T1OUT
10K
VDD (3.3V)
1uF
1uF
47K
Pyro Electric
Sensor
VDD
GND
SIG
470
VDD (3.3V)
StatusLED &
White Light
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com