Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 37 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 33Page - Zilog, Inc. Z8FS021 Datasheet HTML 34Page - Zilog, Inc. Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Z8FS021 Datasheet HTML 36Page - Zilog, Inc. Z8FS021 Datasheet HTML 37Page - Zilog, Inc. Z8FS021 Datasheet HTML 38Page - Zilog, Inc. Z8FS021 Datasheet HTML 39Page - Zilog, Inc. Z8FS021 Datasheet HTML 40Page - Zilog, Inc. Z8FS021 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
29
Table 9. PIR Status/Control Register 1
(ePIR_SC1)
Bit
76543210
Field
Engine
Timer Tick
Frequency Response
PIR Scan
Rate
2-Pulse
Mode
Dual Pyro
Enable
Control
R/W
Read/Write
R/W
R/W
R/W
Address
103H
Engine Timer Tick (Bit 7)
PIR One-Second Timer Tick
Set by the application; cleared by the PIR Engine.
• This bit must be set to1 one time per second by the user application to provide the Engine with a one-
second tick to perform housekeeping operations relating to motion detection. The Engine will
routinely poll this bit to obtain a one-second tick. This bit is cleared by the Engine.
0 = Cleared by the PIR Engine.
1 = A one-second interval has occurred.
Frequency Response (Bits 6–3)
Frequency Response of PIR Engine; controlled by application
• This value determines the frequency response of the motion detection system. Higher values allow
lower frequencies to beaccepted by the PIR Engine. Lower values cause theEngine to ignore targets
that generate lower frequencies. These targets typically include horizontally oriented objects such as
pets.
• The frequency of the signal that is presented to the PIR Engine is largely dependent on the structure
of the PIR lens being used (number and dispersion of beams). A lens with several evenly distributed
beams provides better frequency response performance than a lens with an uneven beam
distribution.
Note:
Lower programmed values also have the effect of reducing the relative range of detection. The
valid range is 0 (disabled) to a maximum value determined by the Window Size selected in the PIR
Advanced Status/Control Register 2.
The maximum Frequency Response values for each window size can be summarized as:
Window Size
Max Frequency Response Value
Small
Fh
Medium
Fh
Large
Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com