Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 62 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 58Page - Zilog, Inc. Z8FS021 Datasheet HTML 59Page - Zilog, Inc. Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Z8FS021 Datasheet HTML 62Page - Zilog, Inc. Z8FS021 Datasheet HTML 63Page - Zilog, Inc. Z8FS021 Datasheet HTML 64Page - Zilog, Inc. Z8FS021 Datasheet HTML 65Page - Zilog, Inc. Z8FS021 Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
PS028806-0315
Appendix A. Example Application Schematics
ZMOTION® Intrusion Detection
Product Specification
54
Figure 10. Example Circuit with the Z8FS021xHJ20EG (28-Pin) ZMOTION Intrusion Detection MCU,
Single Pyro Mode
10 K
VDD (3.3V)
1
2
3
4
5
6
VCC
RE SET
GND
DB G
GND
NC
Debug Header
10 K
VDD (3.3V )
1uF
Z8FS021xH H20EG
1
2
3
4
22
24
23
25
VDD
6
5
7
10
28
27
26
21
20
19
8
9
PB 1/ANA 1
AN A2
AN A3
PA 0/T0IN/T 0OUT/XIN
VSS
PA 1/T0OUT /XOUT
PA 2/DE 0
PA 4/RX D0
PA 3/CT S0
PB 0/ANA 0
PC3/COU T
PB 5/VREF
PC1/ANA5/CINN
PC0/ANA4/CINP
DBG
PA 7/T1 OUT
PA 5/T XD0
RESE T/PD 0
PA6/T 1IN/T1 OUT
11
14
12
13
18
17
16
15
PB 4/ANA7
AV DD
AVS S
PC5
PC4
PC6
PC7
PC2/ANA 6
1uF
47 K
Pyro E lectric
Sensor
VDD
GND
SIG
VDD (3 .3V )
470
Status LED &
White Light
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com