Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 37Page - Zilog, Inc. Z8FS021 Datasheet HTML 38Page - Zilog, Inc. Z8FS021 Datasheet HTML 39Page - Zilog, Inc. Z8FS021 Datasheet HTML 40Page - Zilog, Inc. Z8FS021 Datasheet HTML 41Page - Zilog, Inc. Z8FS021 Datasheet HTML 42Page - Zilog, Inc. Z8FS021 Datasheet HTML 43Page - Zilog, Inc. Z8FS021 Datasheet HTML 44Page - Zilog, Inc. Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
33
Table 13. PIR Status/Control Register 3, 8-Pin SOIC
(ePIR_SC3)
Bit
76543210
Field
Reserved Reserved Reserved Reserved
ANA3
Scan
Request
Reserved
ANA1
Scan
Request*
ANA0
Scan
Request
Control
0000
R/W
Reserved
in
Dual Pyro
Mode
0R/W
R/W
Address
105H
Note: *ANA1 is reserved for White Light detection when enabled via PIR Status/Control Register 2.
ANAx Scan Request
Analog Channel 0, 1, 3-7 Scan Requested Bits
Set by the application; cleared by the PIR Engine.
These bits allow the user application to request the Engine to perform an A/D conversion on the non-
reserved analog inputs. When requested, the Engine will reconfigure the appropriate I/O pin to a single-
ended, unbuffered input using a 2 Volt reference. It will then take the next sample and store it in the PIR
ADC Result Value Registers and clear all ANAx Scan Request bits. The I/O configuration for the ANAx
pin is not returned to its previous configuration by the Engine. If required, the user application must
perform this task.
If multiple request bits are set simultaneously, the Engine will only scan the lowest-numbered ADC
channel requested and ignore any other requests. The user application should set one request bit, then
poll it to determine when the conversion is complete and the data is ready.
When ADC Scan requests are being serviced by the PIR Engine, ADC conversions on the PIR sensor are
suspended. Therefore, the user application should be careful not to continuously request ADC Scans.
The PIR Process Rate Register in the Advanced API Register Set section can be monitored to ensure the
Engine is receiving enough time to perform its required PIR Sensor ADC scans.
0 = no conversion requested/last conversion completed.
1 = perform a conversion on this channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com