Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 34Page - Zilog, Inc. Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Z8FS021 Datasheet HTML 36Page - Zilog, Inc. Z8FS021 Datasheet HTML 37Page - Zilog, Inc. Z8FS021 Datasheet HTML 38Page - Zilog, Inc. Z8FS021 Datasheet HTML 39Page - Zilog, Inc. Z8FS021 Datasheet HTML 40Page - Zilog, Inc. Z8FS021 Datasheet HTML 41Page - Zilog, Inc. Z8FS021 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
30
PIR Scan Rate (Bit 2)
PIR ADC conversion rate for the Pyroelectric Sensor; controlled by the application.
• The PIR Engine performs the necessary ADC conversions on the PIR sensor input. Each conversion
generates an interrupt that is processed by the PIR Engine from the EPIR_ADC_ISR macro. The PIR
Scan Rate bit determines the rate at which the ADC conversions are generated.
• In Normal Scan Rate Mode (PIR Scan Rate set to 0), the Z8FS021 ADC peripheral is set to
continuous conversion mode which causes a conversion to be carried out automatically every 256
system clocks. In this mode, the application is only required to execute the EPIR_ADC_ISR macro
for each ADC interrupt. The ADC continually runs and continuously generates interrupts.
• When Low Scan Rate Mode is selected by setting this bit to a 1, continuous conversion mode is
disabled and the ADC isoperated in single-shot mode such that each conversion takes 5129 system
clocks to complete. In this mode, the application software must initiate the ADC conversion request
(set bit 7 of ADCCTL0) and execute the EPIR_ADC_ISR macro once every 5ms.
• In Low Scan Rate Mode, the ADC is disabled between conversions to reduce power consumption.
Power consumption can be reduced further if the application software uses this mode in conjunction
with the CPU’s Halt or Stop modes. Alternately, this mode can be used to provide the application
software with additional CPU processing time.
• Although the Low Scan Rate Mode provides the application with more processing power and the
opportunity for the system to reduce power consumption, the normal scan rate will provide better
sensitivity and range. While operating in Low Scan Rate Mode, sensitivity is reduced by
approximately 20%. The performance of Direction Detection can also be reduced in this mode. EMC
immunity is disabled while in Low Scan Rate Mode.
• EMC immunity features, such as transient sensitivity and noise sensitivity, are disabled while in Low
Scan Rate Mode.
• If the PIR Scan Ratebit is changed during Engine operation, the Engine will stop detecting motion for
up to 200ms to avoid potential false motion detection. When changing the PIR Scan Rate mode, the
Advanced API registers must first be updated with the appropriate values.
0 = Normal Scan Rate Mode
1 = Low Scan Rate Mode
2-Pulse Enable (Bit 1)
2-Pulse Detection Mode Enable; controlled by application
This bit determines if motion detection requires one or two motion pulses as the target passes across
the beams created by the Fresnel lens. With a Pulse Count of 1, a single motion pulse from the target
is required to qualify as valid motion. A Pulse Count of 2 requires two motion pulses from the target –
one positive and one negative – to qualify as valid motion. A Pulse Count of 2 is typically used in
harsher environmental conditions to decrease the chances of false triggers from sources such as fast
heating and cooling.
0 = One pulse of motion required for detection.
1 = Two pulses of motion required for detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com