Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 58 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 58 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 54Page - Zilog, Inc. Z8FS021 Datasheet HTML 55Page - Zilog, Inc. Z8FS021 Datasheet HTML 56Page - Zilog, Inc. Z8FS021 Datasheet HTML 57Page - Zilog, Inc. Z8FS021 Datasheet HTML 58Page - Zilog, Inc. Z8FS021 Datasheet HTML 59Page - Zilog, Inc. Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Z8FS021 Datasheet HTML 62Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
PS028806-0315
Appendix A. Example Application Schematics
ZMOTION® Intrusion Detection
Product Specification
50
Figure 7. Example Circuit with the Z8FS021xSB20EG (8-Pin) ZMOTION Intrusion Detection MCU
 
VDD
P A1 /T0OUT /XOUT /A NA3 /VREF/CLKIN
P A0/T0 IN/T0OUT/X IN//DB G
PA 2/RE SE T /DE0/T 1OUT
VSS
ANA2
PA 4/RXD0/ANA1 /CINN
PA5 /T XD0/T1OUT /A NA0/CINP
Z8FS021xHH20EG
1
2
3
4
8
7
6
5
VD D (3.3 V)
1uF
1uF
1
2
3
4
5
6
VCC
RE SE T
GND
DB G
GND
NC
47K
10K
10 K
Debug Header
Pyro Electric
Sensor
VDD
GND
SIG
470
StatusLED
&
White Light
Detection
VDD ( 3.3V)
Available to Application
Available to
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com