Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 21Page - Zilog, Inc. Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Z8FS021 Datasheet HTML 23Page - Zilog, Inc. Z8FS021 Datasheet HTML 24Page - Zilog, Inc. Z8FS021 Datasheet HTML 25Page - Zilog, Inc. Z8FS021 Datasheet HTML 26Page - Zilog, Inc. Z8FS021 Datasheet HTML 27Page - Zilog, Inc. Z8FS021 Datasheet HTML 28Page - Zilog, Inc. Z8FS021 Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
PS028806-0315
Peripherals
ZMOTION® Intrusion Detection
Product Specification
17
Interrupt Controller
No changes or limitations are placed on the interrupt controller functions by the PIR
Engine.
Temperature Sensor
The temperature sensor is not tested or calibrated (trim bits are not available). Therefore,
this peripheral is not available on any of the Z8FS040 devices.
Low-Power Operational Amplifier
The AMPINP signal is multiplexed with ANA2 which is used for the pyro sensor input.
Therefore, this peripheral is not available on any of the Z8FS040 devices.
Non-Volatile Data Storage
There is no dedicated non-volatile data storage on the Z8FS040 devices.
Pin Availability
Although most pins on the ZMOTION MCU Series are available to the application, some
pins are dedicated to supporting the functions of the PIR Engine. This section describes
which pins are reserved and which are available to the application. The pins used by the
PIR Engine are automatically configured when the Engine is initialized.
General-Purpose Input/Output
All of the General Purpose I/Os are available except for those used for the PIR circuit. See
Appendix A. Example Application Schematics on page 49 for more information.
8-Pin Device
Pin 5 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor. Any other
functions multiplexed with Pin 5 (PA3//CTS0, COUT and T1IN) are not available for user
applications.
In Dual Pyro Mode, in which the application uses 2 pyroelectric sensors, Pin 3 (ANA3) is
used as an analog ADC input for a second sensor and is therefore not available for other
functions (T0OUT/VREF/CLKIN).
20-Pin Device Pin 2 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor. In Single
Pyro Mode, Pin 3 (ANA3) must be externally tied to V
REF on Pin 18 (PC2/ANA6/LED/
V
REF). PC2 will be configured as the VREF output by the PIR Engine when it is enabled.
In Dual Pyro Mode (supporting 2 pyroelectric sensors), Pin 3 (ANA3) is used for the
second sensor. In this mode the Pin 18 V
REF signal is not connected externally to any
other ADC inputs and is therefore available to the application (PC2/ANA6/LED/V
REF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com