Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 44 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 40Page - Zilog, Inc. Z8FS021 Datasheet HTML 41Page - Zilog, Inc. Z8FS021 Datasheet HTML 42Page - Zilog, Inc. Z8FS021 Datasheet HTML 43Page - Zilog, Inc. Z8FS021 Datasheet HTML 44Page - Zilog, Inc. Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
36
Table 17. PIR Advanced Status/Control Register 0
(ePIR_ASC0)
Bit
76543210
Field
External
VREF
White
Light
Detected
White
Light
Anti-Jam
Buffer
Refresh
New
Sample
MD
Origin
EM Noise
Detected
EM
Transient
Detected
Control
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
Address
F0H
External VREF (Bit 7)
Select between internal or external VREF; controlled by the application.
• This bit selects between internal and external VREF for the ADC when scanning the PIR sensor. When
set to 0, internal VREF is used and it is automatically set to 1V when the PIR Engine is initialized via
the EPIR_INIT macro. When set to a 1, external VREF is selected and a regulated 1V signal must be
supplied to this pin by the user. The advantage of using an external VREF is that it is affected lessby
internal operations of the MCU like high drive on an output pin.
0 = Internal VREF selected.
1 = External VREF selected.
Note: This register affects the VREF selection for ADC scans of the PIR sensor only. ADC channel scan requests
made through ePIR SC3 always use an internal 2V reference.
White Light Detected (Bit 6)
White Light Detected on LED; cleared by the application.
• This bit is set by the PIR Engine when a White Light event has been detected. This status is provided
to the user application to indicate that a White Light event has occurred and associated false motion
event(s) may have been suppressed by the Engine. This bit is set by the Engine and must becleared
by the user application. The threshold or amount of light required to trigger a White Light event is
controlled by the White Light Threshold bits in PIR Status/Control Register 2.
• If White Light detection is disabled (White Light Threshold=00000), this bit is undefined and should
be ignored by the user application.
White Light Anti-Jam (Bit 5)
Stop malicious jamming of the detector via continuous white light events; controlled by the application.
• White Light Anti-Jam is used to prevent a repetitive white light signal from jamming motion detection.
Without Anti-Jam a constant source of white light events can indefinitely inhibit motion detection. With
Anti-Jam enabled, after 12 White Light events within a short duration, the Engine will begin to ignore
them and return to regular motion detection. After a period of no White Light events, the Engine will
begin looking for White Light events again. The feature is intended to prevent malicious jamming of
the detector.
0 = White Light Anti-Jam disabled.
1 = White Light Anti-Jam enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com