Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 57 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 53Page - Zilog, Inc. Z8FS021 Datasheet HTML 54Page - Zilog, Inc. Z8FS021 Datasheet HTML 55Page - Zilog, Inc. Z8FS021 Datasheet HTML 56Page - Zilog, Inc. Z8FS021 Datasheet HTML 57Page - Zilog, Inc. Z8FS021 Datasheet HTML 58Page - Zilog, Inc. Z8FS021 Datasheet HTML 59Page - Zilog, Inc. Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
PS028806-0315
Appendix A. Example Application Schematics
ZMOTION® Intrusion Detection
Product Specification
49
Appendix A. Example Application Schematics
Whether you choose to employ single or dual pyro modes using 8-pin, 20-pin or 28-pin
ZMOTION Intrusion Detection packages, this appendix offers assistance toward creating
your circuit design.
Z8FS021xSB20EG (8-Pin Device)
Figure 7 shows an example circuit for the 8-pin version of the ZMOTION Intrusion
Detection MCU. The interface to the pyroelectric sensor is via the dedicated input ANA2
(Pin 5).
The status LED is driven by Pin 6, which is normally configured as a GPIO by the applica-
tion to control the state of the LED. When White Light Detection is enabled, the PIR
Engine automatically reconfigures this pin to an ADC input to perform the necessary ADC
conversion and returns it to a GPIO when conversion is complete.
Pin 2 is used as the debug input to the chip, but can be used for other functions as required.
Pin 4 is set up for the Reset function, but can also be used for other functions as the appli-
cation requires. Pull-up resistors (10KΩ) are provided on the Debug and Reset signals as
required for the Debug interface.
The signals on pins 3 and 7 can be used as required by the application. The power supply
design remains available to application requirements.
In Dual Pyro mode, the second Pyroelectric sensor is connected to Pin 3 (ANA3). All
other connections remain the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com