Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 6Page - Zilog, Inc. Z8FS021 Datasheet HTML 7Page - Zilog, Inc. Z8FS021 Datasheet HTML 8Page - Zilog, Inc. Z8FS021 Datasheet HTML 9Page - Zilog, Inc. Z8FS021 Datasheet HTML 10Page - Zilog, Inc. Z8FS021 Datasheet HTML 11Page - Zilog, Inc. Z8FS021 Datasheet HTML 12Page - Zilog, Inc. Z8FS021 Datasheet HTML 13Page - Zilog, Inc. Z8FS021 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
PS028806-0315
Overview
ZMOTION® Intrusion Detection
Product Specification
2
• Programmable transient and noise detection
Z8FS040 MCU Features
• High-performance eZ8® CPU core
• 2KB in-circuit programmable Flash available for application code
The Z8FS021 MCU is not preprogammed with application code. A generic version of the
ZMOTION Intrusion Detection source code (RD0001-SC01) can be downloaded from
zilog.com and programmed into the MCU.
• Single-pin debug with unlimited breakpoints
• Flexible clocking scheme
• Internal precision oscillator running at 5.53MHz
• External oscillator operating up to 20MHz
• Sigma Delta ADC
• Up to 6 single-ended channels or 3 differential channels available
• On-chip analog comparator with independent programmable reference voltage
• Full-duplex UART with dedicated BRG
• Two 16-bit timers with input capture, output compare and PWM capability (11 modes
total)
• Watchdog timer (WDT) with dedicated internal oscillator
• Up to 20 vectored interrupts
• 6 to 25 I/O pins depending upon package
• 2.7V to 3.6V operating voltage with extended operating temperature range –40°C to
+105°C
• Low power modes
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com