Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 60 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 56Page - Zilog, Inc. Z8FS021 Datasheet HTML 57Page - Zilog, Inc. Z8FS021 Datasheet HTML 58Page - Zilog, Inc. Z8FS021 Datasheet HTML 59Page - Zilog, Inc. Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Z8FS021 Datasheet HTML 62Page - Zilog, Inc. Z8FS021 Datasheet HTML 63Page - Zilog, Inc. Z8FS021 Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
PS028806-0315
Appendix A. Example Application Schematics
ZMOTION® Intrusion Detection
Product Specification
52
Dual Pyroelectric Sensors
In Dual Pyro mode, the second pyroelectric sensor is connected to ANA3. The signal from
VREF to ANA3 is not required. In this design example, the internal VREF is used with
PIR_ASC0 bit 7 set to '0'. The user could choose to use an externally generated VREF
source in which case it would be connected to pin 18 and PIR_ASC0 bit 7 would be set to
'1'. All other connections remain the same as Single Pyro Mode. See Figure 9.
Figure 9. Example Circuit with the Z8FS021xHH20EG (20-Pin) ZMOTION Intrusion Detection MCU,
Dual Pyro Mode
10K
VDD(3.3V)
1
2
3
4
5
6
VCC
RESET
GND
DBG
GND
NC
Debug Header
Z8FS021xHH20EG
1
2
3
4
14
16
15
17
VDD
6
5
7
10
20
19
18
13
12
11
8
9
PB1/ANA1
ANA2
ANA3
PA0/T0IN/T0OUT/XIN
VSS
PA 1/T0OUT/XOUT
PA2/DE0
PA4/RXD0
PA 3/CTS0
PB0/ANA0
PC3/COUT
PC2/ANA6/LED/V
REF
PC1/ANA5/CINN
PC0/ANA4/CINP
DBG
PA7/T1OUT
PA5/TXD0
RESET/PD0
PA6/T1IN/T1OUT
10K
VDD (3.3V)
1uF
1uF
47K
Pyro Electric
Sensor 1
VDD
GND
SIG
470
VDD (3.3V)
Status LED &
White Light
Detection
1uF
47K
Pyro Electric
Sensor 2
VDD
GND
SIG
VDD (3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com