Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 50 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 50 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Z8FS021 Datasheet HTML 51Page - Zilog, Inc. Z8FS021 Datasheet HTML 52Page - Zilog, Inc. Z8FS021 Datasheet HTML 53Page - Zilog, Inc. Z8FS021 Datasheet HTML 54Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
42
Table 24. PIR Transient Sensitivity Level Register
(ePIR_Transient_Sense)
Bit
76543210
Field
Reserved
PIR Transient Sensitivity
Control
0
Read/Write
Address
F8H
Reserved (Bit 7)
This bit is reserved and must be 0.
Transient Sensitivity (Bits 6–0)
Controlled by the application.
• This register determines how sensitive the transient detection part of theengine is tosudden changes
in the PIR signal. A lower number makes the engine more sensitive at the cost of potential rejection
of large signal motion (for example, a warm target very close to the detector). The valid range is 0
(disabled) to 64h.
Table 25. PIR Noise Sensitivity Level Register
(ePIR_Noise_Sense)
Bit
76543210
Field
Reserved
PIR Noise Sensitivity
Control
0
Read/Write
Address
F9H
Reserved (Bit 7)
This bit is reserved and must be 0.
Noise Sensitivity (Bits 6–0)
Controlled by the application – see Table 26 for values.
• This register determines how sensitive the noise detection part of the Engine is torandom broadband
noise in the PIR signal. A lower number makes the noise detector more sensitive at the cost of
potential rejection of small-signal motion (for example, a small delta between the ambient and target
temperatures, or a distant target). The valid range is 0 (disabled) to a maximum value determined by
the Window Size selected in the PIR Advanced Status/Control Register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com