Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 12Page - Zilog, Inc. Z8FS021 Datasheet HTML 13Page - Zilog, Inc. Z8FS021 Datasheet HTML 14Page - Zilog, Inc. Z8FS021 Datasheet HTML 15Page - Zilog, Inc. Z8FS021 Datasheet HTML 16Page - Zilog, Inc. Z8FS021 Datasheet HTML 17Page - Zilog, Inc. Z8FS021 Datasheet HTML 18Page - Zilog, Inc. Z8FS021 Datasheet HTML 19Page - Zilog, Inc. Z8FS021 Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
PS028806-0315
Signal Descriptions
ZMOTION® Intrusion Detection
Product Specification
8
Signal Descriptions
Table 2 describes the Z8FS021 MCU signals. Signal availability is package dependent.
See the Pin Configuration section on page 5 for signal availability multiplexing.
Table 2. Z8FS021 MCU Signal Descriptions
Signal
Mnemonic
I/O
Description
General-Purpose I/O Ports A–D
PA[7:0]
I/O
Port A. These pins are used for general-purpose I/O.
PB[5:0]
I/O
Port B. These pins are used for general-purpose I/O.
PC[7:0]
I/O
Port C. These pins are used for general-purpose I/O.
PD[0]
O
Port D. This pin is used for general-purpose output only.
UART Controllers
TXD0
O
Transmit Data. This signal is the transmit output from the UART and IrDA.
RXD0
I
Receive Data. This signal is the receive input for the UART and IrDA.
CTS0
I
Clear To Send. This signal is the flow control input for the UART.
DE
O
Driver Enable. This signal allows automatic control of external RS-485
drivers. It is approximately the inverse of the Transmit Empty (TXE) bit in
the UART Status 0 Register. The DE signal can be used to ensure that the
external RS-485 driver is enabled when data is transmitted by the UART.
Timers
T0OUT/T1OUT
O
Timer Output 0–1. These signals are outputs from the timers.
T0OUT/T1OUT
O
Timer Complement Output 0–1. These signals are output from the timers in
PWM Dual Output mode.
T0IN/T1IN
I
Timer Input 0–1. These signals are used as the capture, gating and counter
inputs.
Comparator
CINP/CINN
I
Comparator Inputs. These signals are the positive and negative inputs to
the comparator.
COUT
O
Comparator Output.
Analog
ANA[7:0]
I
Analog Port. These signals are used as inputs to the analog-to-digital
converter (ADC).
V
REF
I/O
Analog-to-digital converter reference voltage input, or buffered output for
internal reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com