Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 20 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 16Page - Zilog, Inc. Z8FS021 Datasheet HTML 17Page - Zilog, Inc. Z8FS021 Datasheet HTML 18Page - Zilog, Inc. Z8FS021 Datasheet HTML 19Page - Zilog, Inc. Z8FS021 Datasheet HTML 20Page - Zilog, Inc. Z8FS021 Datasheet HTML 21Page - Zilog, Inc. Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Z8FS021 Datasheet HTML 23Page - Zilog, Inc. Z8FS021 Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
PS028806-0315
Peripherals
ZMOTION® Intrusion Detection
Product Specification
12
Peripherals
The following sections describe the differences, changes or limitations placed on any of
the Z8FS021 peripherals or other functions from the base Z8F082A device. For more
information about the operation of each peripheral, please refer to the appropriate section
of the Z8 Encore! XP F082A Series Product Specification (PS0228).
Peripheral Availability
Table 3 shows how the Z8FS040 MCU peripherals are used by Zilog’s PIR technology
and how these peripherals differ from their counterparts on the base Z8F082A device. The
peripherals used by the PIR Engine should not be used by the application unless the
Engine is disabled through the PIR Engine Enable Register.
Table 3. Peripheral Availability
Device
Z8FS021xSB20EG
Z8FS021xHH20EG
Z8FS021xHJ20EG
Base MCU Device
Z8F082ASB020EG
Z8F082AHH020EG
Z8F082AHJ020EG
Pins/Package
8-pin SOIC
20-pin SSOP
28-pin SSOP
ADC
ANA1 is used for White
Light Detection when
enabled.
ANA2 is used for PIR
sensor input.
ANA3 is used for a
second sensor input in
Dual Pyro Mode.
ANA1 is used for White
Light Detection when
enabled.
ANA2 is used for PIR
sensor input.
ANA3 is connected to
ANA6/VREF.
ANA3 is used for a
second sensor input and
ANA6 becomes available
in Dual Pyro Mode.
ANA1 is used for White
Light Detection when
enabled.
ANA2 is used for PIR
sensor input.
ANA3 is connected to
VREF.
ANA3 is used for a
second sensor in Dual
Pyro Mode.
VREF
Internal VREF used by the
PIR Engine and set to 1V.
Internal VREF used by the
PIR Engine and set to 1V.
Internal VREF used by the
PIR Engine and set to 1V.
Timer 0
Available to application.
Available to application.
Available to application.
Timer 1
Available to application.
Available to application.
Available to application.
GP I/O
PA3/PA1 are multiplexed
with ANA2/ANA3 and
used for PIR sensor input
(ANA2 for single pyro
mode and ANA2/ANA3 for
dual pyro mode).
PB2, PB3 & PC2are used
for PIR functions.
In dual pyro mode, PC2
becomes available.
PB2, PB3 & PB5 are used
for PIR functions.
In dual pyro mode, PB5
becomes available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com