Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Z8FS021 Datasheet HTML 23Page - Zilog, Inc. Z8FS021 Datasheet HTML 24Page - Zilog, Inc. Z8FS021 Datasheet HTML 25Page - Zilog, Inc. Z8FS021 Datasheet HTML 26Page - Zilog, Inc. Z8FS021 Datasheet HTML 27Page - Zilog, Inc. Z8FS021 Datasheet HTML 28Page - Zilog, Inc. Z8FS021 Datasheet HTML 29Page - Zilog, Inc. Z8FS021 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
PS028806-0315
Hardware Connection Requirements
ZMOTION® Intrusion Detection
Product Specification
18
Hardware Connection Requirements
This section describes the required external hardware connection for the ZMOTION MCU
Series. See Appendix A. Example Application Schematics on page 49 for example sche-
matic diagrams showing these connections.
Pins are automatically configured to their required function when the PIR Engine is initial-
ized via the EPIR_INIT macro. The device can be operated in Single Pyro Mode when
supporting one pyroelectric sensor or in Dual Pyro Mode when supporting two pyroelec-
tric sensors. Both of these modes can be operated in Normal or Low Scan Rate modes.
Depending on the application, there can be up to four connection requirements supporting
these modes: one for each of two PIR sensors, one for the ADC and one for the White
Light Detection and Status LED. A description of each of these elements follows in this
section. For a broader description of the White Light Detection component, see the White
Light Detection section on page 19.
Pyroelectric PIR Sensor #1
The signal from the PIR sensor is connected directly to the ANA2 input of the ADC. The
ADC is configured for differential buffered mode by Zilog’s PIR technology. The sensor
signal should be connected directly to the ADC input with no additional signal condition-
ing circuitry unless specified by the pyroelectric sensor manufacturer.
ADC V
REF
The on-chip VREF is configured for 1V of nominal voltage. The PIR Sensor signal is con-
nected to the positive (+) differential input of the ADC (ANA2), and the VREF signal is
connected to the negative (–) differential input (ANA3). The 8-pin device provides an
internal connection from VREF to ANA3 to support this configuration; therefore, no exter-
nal hardware connection is required. The 20- and 28-pin devices require an external con-
nection from the VREF output signal to the ADC negative (–) (ANA3) input.
Pyroelectric PIR Sensor #2
In Dual Pyro Mode, the ADC is still used in differential buffered mode (i.e., as is true for
Single Pyro Mode). The signal from the second PIR sensor is connected to ANA3. The
28-Pin Device Pin 1 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor. In Single
Pyro Mode, Pin 4 (ANA3) must be externally tied to V
REF on Pin 3 (PB5/ VREF). PB5 will
be configured as V
REF output by the PIR Engine when it is enabled.
In Dual Pyro Mode, which supports 2 pyroelectric sensors, Pin 4 (ANA3) is used for the
second sensor. In this mode the Pin 3 V
REF signal is not connected externally to any
other ADC inputs and is therefore available to the application (PB5/V
REF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com