Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 15Page - Zilog, Inc. Z8FS021 Datasheet HTML 16Page - Zilog, Inc. Z8FS021 Datasheet HTML 17Page - Zilog, Inc. Z8FS021 Datasheet HTML 18Page - Zilog, Inc. Z8FS021 Datasheet HTML 19Page - Zilog, Inc. Z8FS021 Datasheet HTML 20Page - Zilog, Inc. Z8FS021 Datasheet HTML 21Page - Zilog, Inc. Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Z8FS021 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
PS028806-0315
RAM Memory Map
ZMOTION® Intrusion Detection
Product Specification
11
RAM Memory Map
There is a total of 1KB of RAM available on the base Z8F082A device. Some of this
RAM (from 070h to 0EFh and from 190h to 3FFh) is used by the ZMOTION PIR
Engine. The remainder of the RAM, from 000h to 06Fh and from 110h to 18Fh (240
bytes), is available to the application. The MCU Control Registers are located at the top of
memory, from F00h to FFFh, and are also available to the application. The area from
400h
to EFFh contains no device memory. See Figure 6.
The ZMOTION Motion Detection API is a series of registers located in the RAM memory
space in the address range 0F0h–10Fh. It is through these memory locations that configura-
tion and status are passed between the PIR Engine and the user application. Advanced API
registers are located in the range 0F0h–0FFh. See the PIR Engine and API section on
page 21 for details about these API registers and to set up the project memory environment.
Figure 6. Z8FS040 MCU RAM Memory Map
MCU
Control Registers
User Application RAM
(128 bytes)
User Application RAM
(128 bytes)
Reserved for PIR Engine
FFFh
F00h
3FFh
190h
10Fh
100h
0EFh
070h
EFFh
400h
18Fh
110h
0FFh
0F0h
06Fh
000h
Standard PIR API
Advanced PIR API
Reserved for PIR Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com