Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 64 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 64 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 60Page - Zilog, Inc. Z8FS021 Datasheet HTML 61Page - Zilog, Inc. Z8FS021 Datasheet HTML 62Page - Zilog, Inc. Z8FS021 Datasheet HTML 63Page - Zilog, Inc. Z8FS021 Datasheet HTML 64Page - Zilog, Inc. Z8FS021 Datasheet HTML 65Page - Zilog, Inc. Z8FS021 Datasheet HTML 66Page - Zilog, Inc. Z8FS021 Datasheet HTML 67Page - Zilog, Inc. Z8FS021 Datasheet HTML 68Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
PS028806-0315
Appendix B. PIR Engine Initialization and Control
ZMOTION® Intrusion Detection
Product Specification
56
Appendix B. PIR Engine Initialization and Control
The application software must execute an initialization procedure to enable the PIR
Engine. Once the PIR Engine is enabled, it runs in the background from the ADC inter-
rupt. Every ADC conversion generates an interrupt and the PIR Engine performs its func-
tions during this time. The user application code runs in the foreground and monitors the
status through the API and performs any other functions required for the application.
The PIR Engine also requires a one-second tick to perform several house-keeping opera-
tions and to keep track of its sampling rate. This one-second time base must be provided
by the user application through Status/Control Register 1 (Engine Timer Tick). This bit
should be set to 1 at the rate of once per second by the application software to provide the
Engine with a one-second time base. The accuracy of this timing is not critical, but should
be within +/– 10%.
There are two basic modes in which the PIR Engine operates: Normal Scan Rate mode and
Low Scan Rate mode. See the description of the PIR Scan Rate bit in the PIR Status/Con-
trol Register 1 on page 29 for more details.
The PIR Engine runs in the background from the ADC interrupt (initiated by the applica-
tion). Engine processing is done during the ADC interrupt. Therefore, CPU loading is
based on the sample rate of the ADC. To ensure a consistent sample rate, the Engine must
know the MCU operating (system clock) frequency. It uses the Flash Frequency Control
Registers to determine the operating frequency, which must be initialized prior to starting
the Engine.
The Flash Frequency High (FFREQH) and Flash Frequency Low Byte (FFREQL) regis-
ters combine to form a 16-bit value FFREQ primarily to control timing for Flash program
and erase functions. This value is also used by the PIR Software Engine to calculate the
required sample rate of the ADC and other functions. The 16-bit value for FFREQ is the
System Clock Frequency in KHz and is calculated using the following equation:
FFREQ[15:0] = {FFREQH[7:0],FFREQL[7:0]} = (System Clock Frequency)/1000
The process for initializing the PIR Engine is common to both Normal Scan Rate and Low
Scan Rate modes. The sequence goes as follows:
1. Set up the API control registers (standard and advanced).
2. Initialize the FFREQH and FFREQL registers with the MCU clock frequency.
3. Write the PIR Enable Pattern to the PIR Enable Register.
4. Call the PIR Init.
5. Initialize any application-specific I/Os and peripherals.
6. Enable interrupts.
7. Ensure that the PIR Sensor Stable bit (PIR_SC0:0) is set.
8. Continue with the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com