Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS021 Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 30Page - Zilog, Inc. Z8FS021 Datasheet HTML 31Page - Zilog, Inc. Z8FS021 Datasheet HTML 32Page - Zilog, Inc. Z8FS021 Datasheet HTML 33Page - Zilog, Inc. Z8FS021 Datasheet HTML 34Page - Zilog, Inc. Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Z8FS021 Datasheet HTML 36Page - Zilog, Inc. Z8FS021 Datasheet HTML 37Page - Zilog, Inc. Z8FS021 Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
26
Table 8. PIR Status/Control Register 0
(ePIR_SC0)
Bit
76543210
Field
Extended Detection
Engine
Disabled
MD
Suspend
Motion
Direction
Control
Motion
Direction
Motion
Detected PIR Stable
Control
R/W
R
R/W
R/W
R
R/W
R
Address
102H
Extended Detection Level (Bits 7–6)
Sets the sensitivity level of the extended detector; controlled by the application.
• These two bits enhance the motion detection algorithms to detect slower, faster and/or more subtle
motion. The Extended Detection level is selected to provide a balance between additional sensitivity
while maintaining stability (no false detections). In certain applications such as lighting control, the
Extended Detection level can be increased when normal motion has been detected. Extended
detection is dependent on the lens pattern used. Smaller lens beams tend to provide more subtle
motion detection.
• The Extended Detection level affects user control over the range provided in ePIR_SC2. As the
Extended Detection level is increased, the Range setting becomes less effective.
00 = Extended Detection Level 0 – Minimum (least sensitive).
01 = Extended Detection Level 1.
10 = Extended Detection Level 2.
11 = Extended Detection Level 3 – High (most sensitive).
Engine Disabled (Bit 5)
PIR Engine Disable/Suspend Acknowledged; controlled by the PIR Engine.
• This bit indicates the operational status of and is controlled by the PIR Engine. When the Engine is
initialized and enabled by loading the PIR Enable Register with the ePIR_ENABLE_PATTERN value,
this bit is cleared to indicate thatthe Engine is ready. When the Engine is disabled by loading the PIR
Enable Register with the ePIR_DISABLE_PATTERN, it will respond by setting this bit to 1 and
perform no further operations until reenabled. For the Engine to detect that it has been disabled, the
user must allow the Engine ADC interrupt to run at least once after loading the PIR Enable Register
with the ePIR_DISABLE_PATTERN.
0 = Engine is enabled and operational.
1 = Engine is disabled and not operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com