Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 15Page - Microchip Technology MCP8021 Datasheet HTML 16Page - Microchip Technology MCP8021 Datasheet HTML 17Page - Microchip Technology MCP8021 Datasheet HTML 18Page - Microchip Technology MCP8021 Datasheet HTML 19Page - Microchip Technology MCP8021 Datasheet HTML 20Page - Microchip Technology MCP8021 Datasheet HTML 21Page - Microchip Technology MCP8021 Datasheet HTML 22Page - Microchip Technology MCP8021 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 19
MCP8021/2
4.0
DETAILED DESCRIPTION
4.1
State Diagrams
4.1.1
MCP8021/2 STATE DIAGRAM
FIGURE 4-1: MCP8021/2 State Machine.
idle
Digital Reset Active
POR/BOR
VREG
(3) vRegRdy =
1
Idle
ACTIVE
MTC_FAULT
(3) vRegRdy =
0
OTP read OK
(4) ocMtc =
1 or
uvMtc =
1 or
vRegRdy =
0
(1) ovVolt =
0 and uvVolt = 0
and ovTemp =
0
(4) vBootRdy =
1
(4) OE =
1
Sleep
ACK
STDBY
WFLAGS
OE Time-out
VREG_ACK
VBOOT
(1) (2)
Sleep
Time-out
(5) OE =
0 and
EnableSleep =
1
(1) OE =
0 and
EnableSleep =
1
(1) (2)
(1) (2)
(3)
(1) (2)
(3)
(1) (2)
(3)
(1)
GoToACK
ACK
Time-out
(5) time > 15 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com