Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 11Page - Microchip Technology MCP8021 Datasheet HTML 12Page - Microchip Technology MCP8021 Datasheet HTML 13Page - Microchip Technology MCP8021 Datasheet HTML 14Page - Microchip Technology MCP8021 Datasheet HTML 15Page - Microchip Technology MCP8021 Datasheet HTML 16Page - Microchip Technology MCP8021 Datasheet HTML 17Page - Microchip Technology MCP8021 Datasheet HTML 18Page - Microchip Technology MCP8021 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 15
MCP8021/2
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1 and Table 3-2.
TABLE 3-1:
MCP8021 – PIN FUNCTION TABLE
28-
Lead
TSSOP
28-
Lead
VQFN
Symbol
I/O
Description
125
VBOOT
Power
Bootstrap and internal low-side gate drive circuit supply output
226
VREG
Power
Linear regulator output
327
VDD
Power
Input supply
4
28
CAP2
I/O
Charge pump flying capacitor input
5
1
CAP1
I/O
Charge pump flying capacitor input(1)
6
2
PWMCL
I
Digital input, Phase C low-side control, pull-down resistor
7
3
PWMCH
I
Digital input, Phase C high-side control, pull-down resistor
8
4
PWMBL
I
Digital input, Phase B low-side control, pull-down resistor
9
5
PWMBH
I
Digital input, Phase B high-side control, pull-down resistor
10
6
PWMAL
I
Digital input, Phase A low-side control, pull-down resistor
11
7
PWMAH
I
Digital input, Phase A high-side control, pull-down resistor
12
8
FAULT
O
Digital output, driver Fault, open-drain
13
9
OE
I
Digital input, device output enable, pull-down resistor
14
10
DE2
I/O
Digital input/output, half-duplex communications, open-drain
15
11
WAKE
I
HV digital edge-triggered input, device wake-up from Sleep,
pull-down resistor
16
12
PGND
Power
Power 0V reference
17
13
PHC
I/O
Phase C high-side MOSFET driver bias reference
18
14
HSC
O
Phase C high-side N-channel MOSFET gate drive
19
15
VBC
Power
Phase C high-side MOSFET driver bias
20
16
PHB
I/O
Phase B high-side MOSFET driver bias reference
21
17
HSB
O
Phase B high-side N-channel MOSFET gate drive
22
18
VBB
Power
Phase B high-side MOSFET driver bias
23
19
PHA
I/O
Phase A high-side MOSFET driver bias reference
24
20
HSA
O
Phase A high-side N-channel MOSFET gate drive
25
21
VBA
Power
Phase A high-side MOSFET driver bias
26
22
LSC
O
Phase C low-side N-channel MOSFET gate drive
27
23
LSB
O
Phase B low-side N-channel MOSFET gate drive
28
24
LSA
O
Phase A low-side N-channel MOSFET gate drive
EP
EP
PGND
Power
Exposed Pad; connect to power 0V reference (PGND)
Note 1: A Schottky diode between the CAP1 pin and HVSS is recommended to ensure that the CAP1 pin absolute
minimum voltage specification is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com