Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 21Page - Microchip Technology MCP8021 Datasheet HTML 22Page - Microchip Technology MCP8021 Datasheet HTML 23Page - Microchip Technology MCP8021 Datasheet HTML 24Page - Microchip Technology MCP8021 Datasheet HTML 25Page - Microchip Technology MCP8021 Datasheet HTML 26Page - Microchip Technology MCP8021 Datasheet HTML 27Page - Microchip Technology MCP8021 Datasheet HTML 28Page - Microchip Technology MCP8021 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 25
MCP8021/2
TABLE 4-1:
FAULTS
TABLE 4-2:
WARNINGS
4.5.4
POWER CONTROL STATUS (PCON)
The PCON[2:0] (STAT0[7:5]) bits are power control
status bits that may be used to determine the cause of a
shutdown. They are not Fault latches. The PCON power
status bits will contain the cause of the power cycle.
Table 4-3 lists the power status register bits in the STAT0
register.
TABLE 4-3:
POWER STATUS
4.5.4.1
Internal Function Block Status
Table 4-4 shows the effects of the OE pin, Faults and
the SLEEP bit upon the functional status of the internal
blocks of the MCP8021/2.
4.5.4.2
Start-Up/FAULT Pin State
During device start-up or Power-on Reset (POR), the
FAULT pin will stay active (low) to indicate to the host
that the device is initializing. The FAULT pin will stay
active until the state machine powers up the VREG LDO
and completes the VREG state. After the VREG LDO is
powered up, the FAULT pin logic checks the state of all
of the latched FAULT bits. If any FAULT bit is still active,
the FAULT pin will stay active and remain low.
Fault
DE2 Message
Fault Active (‘OR’ of all Faults)
0x85 0x01
Overtemperature
0x85 0x04
VDD Input Undervoltage
0x85 0x08
VDD Input Overvoltage
0x85 0x10
VREG Output Undervoltage
0x86 0x01
External MOSFET Undervoltage
Lockout
0x86 0x04
External MOSFET Overcurrent
Detection
0x86 0x08
Fault
DE2 Message
Temperature Warning
0x85 0x02
PCON Status Bits [7:5]
DE2 Message
Overtemperature Shutdown
(OTSHDN) Occurred
0x85 0xA0
Sleep Occurred
0x85 0x60
VDD Undervoltage Shutdown
(UVSHDN) Occurred
0x85 0x40
Power-on Reset (POR) Occurred
0x85 0x20
Normal Operation
0x85 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com