Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 56Page - Microchip Technology MCP8021 Datasheet HTML 57Page - Microchip Technology MCP8021 Datasheet HTML 58Page - Microchip Technology MCP8021 Datasheet HTML 59Page - Microchip Technology MCP8021 Datasheet HTML 60Page - Microchip Technology MCP8021 Datasheet HTML 61Page - Microchip Technology MCP8021 Datasheet HTML 62Page - Microchip Technology MCP8021 Datasheet HTML 63Page - Microchip Technology MCP8021 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
MCP8021/2
DS20006265D-page 60
 2020-2024 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Center Pad Width
Center Pad Length
Contact Pitch
Y2
X2
3.30
4.70
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X38)
Contact Pad Width (X38)
Y1
X1
1.50
0.30
Microchip Technology Drawing C04-2424A
NOM
38-Lead Thin Shrink Small Outline Package (SBX) - 4.4 mm Body [TSSOP]
C
Contact Pad Spacing
5.90
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 4.6x 3.2 mm Exposed Pad
C
e
X2
Y2
Y1
X1
SILK SCREEN
ØV
EV
EV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com