Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 38Page - Microchip Technology MCP8021 Datasheet HTML 39Page - Microchip Technology MCP8021 Datasheet HTML 40Page - Microchip Technology MCP8021 Datasheet HTML 41Page - Microchip Technology MCP8021 Datasheet HTML 42Page - Microchip Technology MCP8021 Datasheet HTML 43Page - Microchip Technology MCP8021 Datasheet HTML 44Page - Microchip Technology MCP8021 Datasheet HTML 45Page - Microchip Technology MCP8021 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
MCP8021/2
DS20006265D-page 42
 2020-2024 Microchip Technology Inc. and its subsidiaries
5.1.2
BOOTSTRAP CAPACITOR
The high-side driver bootstrap capacitor needs to
power the high-side driver and gate for 1/3 of the
motor electrical period for a 3-phase BLDC motor
operating in Six-Step mode.
Let:
Solve for the smallest capacitance that can supply:
• 130 nC of charge to the MOSFET gate
• 1 Megohm gate source resistor current
• Driver bias current and switching losses
Sum all of the energy requirements:
•C = (QMOSFET + QRESISTOR + QDRIVER)/VDROP
• C = (130 nC + 0.594 nC + 0.99 nC)/3V
• C = 43.86 nF
Choose a bootstrap capacitor value that is larger than
43.86 nF.
5.2
Device Protection
5.2.1
MOSFET VOLTAGE SUPPRESSION
When a motor shaft is rotating and power is removed,
the magnetism of the motor components will cause the
motor to act like a generator. The current that was
flowing into the motor will now flow out of the motor. As
the motor magnetic field decays, the generator output
will also decay. The voltage across the generator
terminals will be proportional to the generator current
and circuit impedance of the generator circuit. If the
power supply is part of the return path for the current
and the power supply is disconnected, then the volt-
age at the generator terminals will increase until the
current flows. This voltage increase must be handled
externally to the driver. A voltage suppression device
may be used to clamp the motor terminal voltage to a
level that will not exceed the maximum system operat-
ing voltage during the high-voltage transients. A
voltage suppressor circuit may be connected from
power ground to the motor power supply rail to create
a path for the motor current when the supply is discon-
nected (Figure 5-2). The PCB traces must be capable
of carrying the motor current with minimum voltage
and temperature rise.
FIGURE 5-2:
Transient Voltage Clamp.
An additional method is to inactivate the high-side
drivers and to activate the low-side drivers. This allows
current to flow through the low-side external
MOSFETs and prevents the voltage from increasing at
the power supply terminals.
MOSFET Driver Current = 300 mA
PWM Period = 50 µs (20 kHz)
Minimum Duty Cycle = 1% (500 ns)
Maximum Duty Cycle = 99% (49.5 µs)
VIN =12V
Minimum Gate Drive Voltage = 8V (VGS)
Total Gate Charge = 130 nC
(80A MOSFET)
Allowable VGS Drop (VDROP)=3V
Switch RDSON =100 m
Driver Internal Bias Current = 20 µA (IBIAS)
QMOSFET =130 nC
QRESISTOR =[(VGS/R)  TON]
QDRIVER =(IBIAS  TON)
TON = 49.5 µs (99% DC) for worst case
QRESISTOR =QRESISTOR
QDRIVER =20 µA  49.5 µs = 0.99 nC
DC
MOTOR
TVS
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com