Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 6Page - Microchip Technology MCP8021 Datasheet HTML 7Page - Microchip Technology MCP8021 Datasheet HTML 8Page - Microchip Technology MCP8021 Datasheet HTML 9Page - Microchip Technology MCP8021 Datasheet HTML 10Page - Microchip Technology MCP8021 Datasheet HTML 11Page - Microchip Technology MCP8021 Datasheet HTML 12Page - Microchip Technology MCP8021 Datasheet HTML 13Page - Microchip Technology MCP8021 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MCP8021/2
DS20006265D-page 10
 2020-2024 Microchip Technology Inc. and its subsidiaries
Standby to Motor Operational
tMOTOR
35
µs
OE high-low-high
transition < 1 ms Fault
clearing pulse (Note 1)
5
10
ms
OE low-high transition,
Standby state to operational
(Note 1)
16
ms
OE low-high transition,
Standby state to operational if
VBOOT fails to reach V12SM_PG
(Note 1)
Fault to Driver Output Turn-Off
TFAULT_OFF
——
µs
CLOAD = 1000 pF, VDD = 12V,
time after Fault occurs (Note 1)
0.420
1.0
XOCP (Note 1)
—2.4
4.0
OVLO (Note 1)
4.2
6.0
All other Faults (Note 1)
OE Low to Driver Output
Turn-Off
TDEL_OFF
—3.2
4.0
µs
CLOAD = 1000 pF, VDD = 12V,
time after OE = Low (Note 1)
OE Low to Standby State
tSTANDBY
0.9
1.35
ms
Time after OE = Low,
SLEEP bit = 0
OE Low to Sleep State
tSLEEP
0.9
1.35
ms
Time after OE = Low,
SLEEP bit = 1
OE Fault Clearing Pulse
tFAULT_CLR
1
900
µs
OE high-low-high transition time
Operational Amplifiers (MCP8022)
Input Offset Voltage
VOS
-10
+10
mV
VCM =0V
Input Offset Temperature Drift
VOS/TA
±2.0
µV/°C
VCM =0V (Note 1)
Input Bias Current
IB
-1
+1
µA
Common-Mode Input Range
VCMR
-0.3
VREG
V
Common-Mode Rejection Ratio
CMRR
80
dB
Freq = 1 kHz, IOUT =10µA
(Note 1)
Maximum Output Voltage Range
VOL, VOH
0.15
VREG –
0.300
VIOUT = ±200 µA
Slew Rate
SR
±7
V/µs
Symmetrical, CLOAD =20 pF
(Note 1)
Gain Bandwidth Product
GBWP
4
10.0
MHz
Note 1
I/O PORTS
Digital Interface
Digital Input/Output
DIGITALI/O
0—
5.5
V
VREG = 5.0V version (Note 1)
0—
3.3
VREG = 3.3V version (Note 1)
Digital Open-Drain Low Voltage
DIGITALVI/O
——
50
mV
ILOAD = 1 mA
Digital Input Rising Threshold
VDIG_HI_TH
1.26
V
Digital Input Falling Threshold
VDIG_LO_TH
0.54
V
Digital Input Current
IDIG
30
100
µA
VDIG =3.0V
—0.2
VDIG =0V
Input Pull-Down Resistance
RPULLDN
—51
k
PWM[A:C]H/L, OE pins
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted: TJ = -40°C to +150°C; typical values are for +25°C, VDD = 13.5V,
CVBOOT = 4.7 µF, CVREG =4.7 µF, CCP = 220 nF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Limits based on design, simulation or characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com