Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 2Page - Microchip Technology MCP8021 Datasheet HTML 3Page - Microchip Technology MCP8021 Datasheet HTML 4Page - Microchip Technology MCP8021 Datasheet HTML 5Page - Microchip Technology MCP8021 Datasheet HTML 6Page - Microchip Technology MCP8021 Datasheet HTML 7Page - Microchip Technology MCP8021 Datasheet HTML 8Page - Microchip Technology MCP8021 Datasheet HTML 9Page - Microchip Technology MCP8021 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
MCP8021/2
DS20006265D-page 6
 2020-2024 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage, VDD..........................................................................................................................(GND – 0.3V) to +40V
Internal Power Dissipation......................................................................................................................Internally Limited
Operating Junction Temperature (Note 2)...............................................................................................-40°C to +165°C
Transient Junction Temperature (Note 1)..............................................................................................................+170°C
Storage Temperature (Note 2) ................................................................................................................-55°C to +165°C
Digital I/O .................................................................................................................................................... -0.3V to 5.5V
Low-Voltage Analog I/O............................................................................................................................... -0.3V to 5.5V
VBx, WAKE ....................................................................................................................................(GND – 0.3V) to +40V
PHx, HSx........................................................................................................................................(GND – 5.5V) to +40V
VBOOT, LSx..................................................................................................................................(GND – 0.3V) to +13.2V
CAP1, CAP2 ..................................................................................................................................(GND – 0.3V) to +40V
ESD and Latch-Up Protection:
All Pins
2kV HBM
Corner Pins
 750V CDM
All Other Pins
 500V CDM
Latch-Up Protection – All Pins........................................................................................................................> 100 mA
Note 1: Transient junction temperatures should not exceed one second in duration. Sustained junction temperatures
above +170°C may impact the device reliability.
2: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation may cause the device operating junction temperature to exceed the
maximum +165°C rating. Sustained junction temperatures above +165°C can impact the device reliability.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational sections of this specification is not intended. Exposure to maxi-
mum rating conditions for extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted: TJ = -40°C to +150°C; typical values are for +25°C, VDD = 13.5V,
CVBOOT = 4.7 µF, CVREG =4.7 µF, CCP = 220 nF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
POWER SUPPLY INPUT
Input Operating Voltage
VDD
4.5
40
V
VREG active
6.0
29.0
Driver output active
Input Supply Current
(MCP8021)
ISUP
5
15
µA
Sleep mode, TJ = +25°C
180
330
Standby, OE = 0V
500
Active, VDD > 13, 5V,
OE > VDIG_HI_TH
1200
Active, VDD = 6V, TJ = +25°C
Input Supply Current (MCP8022)
ISUP
5
15
µA
Sleep mode, TJ =+25°C
200
350
Standby, OPAMP = 1, OE = 0V
800
1300
Standby, OPAMP = 0, OE = 0V
1000
Active, VDD > 13, 5V,
OE > VDIG_HI_TH
1500
Active, OE > VDIG_HI_TH,
VDD =7V, TJ = +25°C
Note 1: Limits based on design, simulation or characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com