Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 18Page - Microchip Technology MCP8021 Datasheet HTML 19Page - Microchip Technology MCP8021 Datasheet HTML 20Page - Microchip Technology MCP8021 Datasheet HTML 21Page - Microchip Technology MCP8021 Datasheet HTML 22Page - Microchip Technology MCP8021 Datasheet HTML 23Page - Microchip Technology MCP8021 Datasheet HTML 24Page - Microchip Technology MCP8021 Datasheet HTML 25Page - Microchip Technology MCP8021 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
MCP8021/2
DS20006265D-page 22
 2020-2024 Microchip Technology Inc. and its subsidiaries
4.2
Bias Generator
The internal bias generator controls several voltage
rails. Two fixed output Low Dropout linear regulators,
internal bias supply LDOs and a charge pump are
controlled through the bias generator. In addition, the
bias generator performs supervisory functions.
4.2.1
CHARGE PUMP
An unregulated charge pump is utilized to boost the
input to the VBOOT voltage regulator during low input
supply voltage conditions. When the input bias to the
device (VDD) drops below the CPSTART voltage, the
charge pump is activated. When activated, 2 x VDD is
presented to the input of the VBOOT regulator. The
charge pump is capable of maintaining a VBOOT output
of +9V @ 15 mA for a VDD supply voltage of 5.25V to 7V.
The charge pump is capable of maintaining a VBOOT
output of +12V @ 20 mA for a supply input voltage of 7V
to 13.5V. The charge pump is disabled and bypassed at
VDD voltages above 13.5V, allowing an output voltage of
+12V @ 30 mA.
The typical Charge Pump Flying Capacitor, CCP, is a
0.1 µF to 1.0 µF ceramic capacitor.
4.2.2
VBOOT VOLTAGE REGULATOR
The VBOOT voltage regulator rail is used to supply bias
voltage for the integrated 3-phase power MOSFET
bridge drivers.
The regulator is capable of supplying 30 mA of
external load current. The regulator has a minimum
overcurrent limit of 40 mA.
The regulator gets its power from the integrated
charge pump. When operating at supply voltages
(VDD) that are above +14V, the integrated charge
pump will be disabled and the VDD supply will power
the VBOOT voltage regulator. The VBOOT regulator out-
put may be lower than the designed voltage, while
operating in the VDD range of +12.5V to +13.0V, due to
the dropout voltage of the regulator.
The VBOOT regulator requires an output capacitor,
connected from VBOOT to GND, to stabilize the internal
control loop and to sustain the bootstrap capacitor
energy. A minimum of 4.7 µF ceramic output capaci-
tance is required for the VBOOT voltage regulator
output; 10 µF is recommended when switching large
MOSFET gate loads. The output capacitor forces a
time delay between setting the OE pin high (to transi-
tion from Standby mode to Active mode) and the
VBOOT regulator voltage output rising above the volt-
age required to set an internal VBootReady flag. The
PWM inputs must not be activated while the VBOOT
output is charging the output capacitors to the
VBootReady voltage (typically 6.0V). The time
required before allowing the PWM inputs to become
active, after setting OE high to transition from Standby
mode to Active mode, is dependent on output capaci-
tance, any extra loads and supply voltage ramp-up
time. The user should allow a minimum time of
0.94 ms for the VBOOT output voltage to rise above the
VBootReady voltage. A voltage of 6V and supply cur-
rent of 30 mA may be used for this delay estimation.
See Equation 4-1.
EQUATION 4-1:
OE PIN HIGH TO VBOOT
READY
There is a time-out function that allows the state
machine to move from VBOOT to active after 15 ms,
regardless of the VBOOT ready voltage. This time-out
function prevents the driver from hanging up if the
VBOOT voltage is overloaded.
There is also a capacitive voltage divider formed by the
three bootstrap capacitors and the VBOOT capacitor.
The VBOOT capacitor should be selected so that when
the VBOOT supply is active and the bootstrap capacitors
are charged, the voltage at the bootstrap capacitors will
be greater than the driver undervoltage shutdown volt-
age, 4.5V. For a system with VBOOT = 12V, VMIN = 4.5V
and N = 3 x 1 µF CBOOTSTRAP capacitors charging at
the same time, the desired CVBOOT capacitor is 1.8 µF
(see Equation 4-2). Since the VBOOT supply requires a
4.7 µF capacitor, a 4.7 µF capacitor should be used.
The initial voltage seen by the bootstrap capacitors
using a 4.7 µF VBOOT capacitor will be 7.32V. See
Equation 4-3.
EQUATION 4-2:
VBOOT CAPACITOR
EQUATION 4-3:
BOOTSTRAP VOLTAGE
The VBOOT output is disabled when the driver
transitions to Standby or Sleep mode.
Table 4-4 shows the Faults that will also disable the
VBOOT voltage regulator.
dt = (C
 dV)/(I)
dt = (4.7 µF
 6V)/(30 mA)
dt = 0.94 ms
(N
 CBOOTSTRAP)
(VBOOT)  (VMIN) – 1
CVBOOT =
VBOOTSTRAP =
(VBOOT  CVBOOT)
((CVBOOT + N  CBOOTSTRAP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com