Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 40Page - Microchip Technology MCP8021 Datasheet HTML 41Page - Microchip Technology MCP8021 Datasheet HTML 42Page - Microchip Technology MCP8021 Datasheet HTML 43Page - Microchip Technology MCP8021 Datasheet HTML 44Page - Microchip Technology MCP8021 Datasheet HTML 45Page - Microchip Technology MCP8021 Datasheet HTML 46Page - Microchip Technology MCP8021 Datasheet HTML 47Page - Microchip Technology MCP8021 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
MCP8021/2
DS20006265D-page 44
 2020-2024 Microchip Technology Inc. and its subsidiaries
The MOSFET body diode reverse recovery situation
occurs when the low-side MOSFETs are turned on
while the motor current is flowing to the positive
source through the high-side MOSFET body diode.
The diode reverse recovery time allows a short circuit
to exist between the positive supply and the low-side
MOSFET drain until the high-side diode is reverse
biased and the reverse recovery time has elapsed.
The first remedies above should be used to slow the
switching speeds of the MOSFETs. Then, a snubber is
added to each MOSFET to fine-tune the phase node
slew rate and eliminate any further transients. Adding
a drain-to-source snubber slows down the slew rate of
the phase node and results in a more controlled excur-
sion of the phase node voltage. The snubber consists
of a resistor and a capacitor connected in series
between the drain and source of the MOSFET. The
resistor is chosen to keep the initial snubber voltage
below a few volts when peak motor current is flowing
through the body diode. The capacitor is then chosen
to provide an RC time constant longer than the
MOSFET body diode reverse recovery time. A 0.1
resistor is typically used, along with a 0.1 μF capacitor
to provide an RC of 10 ns.
The power dissipated by the capacitor is calculated by
applying Equation 5-1.
EQUATION 5-1:
SNUBBER CAPACITOR
POWER DISSIPATION
The capacitor and resistor form factors are chosen to
handle the dissipated power.
5.2.5
MOTOR CURRENT SENSE
CIRCUITRY
A sense resistor in series with the bridge ground return
provides a current signal for feedback. This resistor
should be non-inductive to minimize ringing from high
di/dt. Any inductance in the power circuit represents
potential problems in the form of additional voltage
stress and ringing, as well as increasing switching
times. While impractical to eliminate, careful layout
and bypassing will minimize these effects. The output
stage should be as compact as heat sinking will allow,
with wide, short traces carrying all pulsed currents.
Each half-bridge should be separately bypassed with a
low-ESR/ESL capacitor, decoupling it from the rest of
the circuit. Some layouts will allow the input filter
capacitor to be split into three smaller values and serve
double duty as the half-bridge bypass capacitors.
PDISS = 2    f  C  V2  Dissipation Factor
Where:
f = PWM Frequency
C = Capacitance
V = Motor Voltage
Dissipation Factor = 2
 p  f  C  ESR = ESR/XC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com