Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 34Page - Microchip Technology MCP8021 Datasheet HTML 35Page - Microchip Technology MCP8021 Datasheet HTML 36Page - Microchip Technology MCP8021 Datasheet HTML 37Page - Microchip Technology MCP8021 Datasheet HTML 38Page - Microchip Technology MCP8021 Datasheet HTML 39Page - Microchip Technology MCP8021 Datasheet HTML 40Page - Microchip Technology MCP8021 Datasheet HTML 41Page - Microchip Technology MCP8021 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
MCP8021/2
DS20006265D-page 38
 2020-2024 Microchip Technology Inc. and its subsidiaries
REGISTER 4-2:
CFG2: CONFIGURATION REGISTER 2
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DRVDT2
DRVDT1
DRVDT0
DRVBL1
DRVBL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4-2
DRVDT[2:0]: Driver Dead-Time Selection
000 = 2000 ns (default)
001 = 1750 ns
010 = 1500 ns
011 = 1250 ns
100 = 1000 ns
101 = 750 ns
110 = 500 ns
111 = 250 ns
bit 1-0
DRVBL[1:0]: Driver Blanking Time Selection
Bit may only be changed while in Standby mode.
00 = 4000 ns (default)
01 = 2000 ns
10 = 1000 ns
111 = 500 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com