Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 13Page - Microchip Technology MCP8021 Datasheet HTML 14Page - Microchip Technology MCP8021 Datasheet HTML 15Page - Microchip Technology MCP8021 Datasheet HTML 16Page - Microchip Technology MCP8021 Datasheet HTML 17Page - Microchip Technology MCP8021 Datasheet HTML 18Page - Microchip Technology MCP8021 Datasheet HTML 19Page - Microchip Technology MCP8021 Datasheet HTML 20Page - Microchip Technology MCP8021 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 17
MCP8021/2
3.1
Communications Port (DE2)
Open-drain communications node. The DE2 commu-
nications is a half-duplex, 9600 baud, 8-bit, no parity
communications link. The open-drain DE2 pin must be
pulled high by an external pull-up resistor. The pin has
a minimum drive capability of 1 mA with a VDE2 of
50 mV when driving low.
3.2
Low-Side PWM Inputs
(PWMAL, PWMBL, PWMCL)
Digital PWM inputs for low-side driver control. Each input
has a pull-down resistor. The PWM signals may contain
dead-time timing or the system may use the CFG2
Configuration register to set the dead time.
3.3
High-Side PWM Inputs
(PWMAH, PWMBH, PWMCH)
Digital PWM inputs for high-side driver control. Each
input has a pull-down resistor. The PWM signals may
contain dead-time timing or the system may use the
CFG2 Configuration register to set the dead time.
3.4
Output Enable Input (OE)
The Output Enable input pin is used to enable/disable
the output driver and the on-board functions. When
OE is high, all device functions are enabled. When OE
is low, the device operates in Standby or Sleep mode.
When Standby mode is active, the VBOOT output
supply and charge pump are disabled. The operational
amplifiers in the MCP8022 are also disabled if the
OPAMP bit in the CFG0 Configuration register is set.
The high-side and low-side gate drive outputs are all
set to a low state within 100 ns of OE going low. The
device transitions to Standby or Sleep mode, 1 ms
after OE goes low.
The OE pin may be used to clear any hardware Faults.
When a Fault occurs, the OE input may be used to
clear the Fault by setting the pin low and then high
again. The Fault is cleared by the rising edge of the
OE signal if the hardware Fault is no longer active.
The OE pin is used to enable Sleep mode when the
SLEEP bit in the CFG0 Configuration register is set to
a ‘1’. OE must be low for a minimum of 1 ms before
the transition to Standby or Sleep mode will occur. This
allows time for OE to be toggled, to clear any Faults,
without going into Sleep mode.
The OE pin has an internal pull-down resistor.
3.5
Fault Output (FAULT)
Fault output pin. The latched open-drain output will go
low while a Fault is active. Table 4-4 shows the Faults
that cause the FAULT pin to go low. The pin will stay
low until the Fault is inactive and the OE pin is toggled,
from low-to-high, to clear the internal Fault latch.
The FAULT pin is able to sink 1 mA of current while
maintaining less than a 50 mV drop across the output.
The FAULT pin will also be active (low) upon initial
power-up until the state machine completes the VREG
state. This may be used to signal an external host that
the driver is ready.
3.6
Power Ground (PGND),
Exposed Pad (EP)
Device ground. The PCB ground traces should be
short, wide and form a star pattern to the power
source. The Exposed Pad (EP) must be soldered to
the PCB. The PCB area below the EP should be a
copper pour with thermal vias to help transfer heat
away from the device.
3.7
Operational Amplifier Outputs
(OUT1, OUT2, OUT3) (MCP8022)
Operational amplifier outputs. These general purpose
amplifiers may be used for current sense gain. The
amplifiers are disabled when OE = 0 and the OPAMP
bit in the CFG0 Configuration register is set.
3.8
Operational Amplifier Inputs
(IN1+/-, IN2+/-, IN3+/-) (MCP8022)
Operational amplifier inverting and noninverting inputs.
Used in conjunction with the corresponding amplifier
OUTx pin to set amplifier gain. The amplifiers are dis-
abled in Standby mode when OE = 0 and the OPAMP
bit in the CFG0 Configuration register is set.
3.9
Wake Input (WAKE)
The WAKE pin has an internal pull-down resistor. The
device will awaken from Sleep mode, on the rising
edge of the WAKE pin, after detecting a low state
lasting > tWAIT_SETUP on the pin. The WAKE pin is
capable of operating at voltage levels up to VDD.
3.10
Motor Phase Inputs
(PHA, PHB, PHC)
Phase signals from the motor. These signals provide
high-side N-channel MOSFET driver bias reference
and Back EMF sense input. The phase signals are
also used with the bootstrap capacitors to provide a
high-side gate drive via the VBx inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com