Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 31Page - Microchip Technology MCP8021 Datasheet HTML 32Page - Microchip Technology MCP8021 Datasheet HTML 33Page - Microchip Technology MCP8021 Datasheet HTML 34Page - Microchip Technology MCP8021 Datasheet HTML 35Page - Microchip Technology MCP8021 Datasheet HTML 36Page - Microchip Technology MCP8021 Datasheet HTML 37Page - Microchip Technology MCP8021 Datasheet HTML 38Page - Microchip Technology MCP8021 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 35
MCP8021/2
STATUS_0
17:0 00000101 (05h) Command not Acknowledged (response)
01000101 (45h) Command Acknowledged (response)
10000101 (85h) Command sent to host (unsolicited)
27:5 101
Overtemperature Shutdown (OTSHDN) occurred
011
Sleep Shutdown (SLEEP) occurred
010
Undervoltage Shutdown (UVSHDN) occurred
001
Power-on Reset (POR) occurred
000
Normal operation
4
1
Input Overvoltage (OVLOF), VDD > 32V
3
1
Input Undervoltage (UVLOF), VDD < 5.5V
2
1
Overtemperature (OTPF), TJ > TSD
1
1
Overtemperature Warning (OTPW), TJ > TWARN
0
0
No Fault condition exists
1
A Fault condition exists
STATUS_1
17:0 00000110 (06h) Command not Acknowledged (response)
01000110 (46h) Command Acknowledged (response)
10000110 (86h) Command sent to host (unsolicited)
27:4 0
Reserved
3
1
External MOSFET Overcurrent (XOCPF) detected
2
1
External MOSFET Undervoltage Lockout (XUVLOF)
1
0
Reserved
0
1
VREG LDO Undervoltage Fault (VREGUVF)
SET_CFG_2
17:0 00000111 (07h) Command not Acknowledged (response)
01000111 (47h) Command Acknowledged (response)
2
7:5 00h
Reserved
4:2 —
Driver dead time (for PWMH /PWML inputs)
000
2000 ns (default)
001
1750 ns
010
1500 ns
011
1250 ns
100
1000 ns
101
750 ns
110
500 ns
111
250 ns
1:0 —
Driver blanking time (ignore Faults)
00
4000 ns (default)
01
2000 ns
10
1000 ns
11
500 ns
TABLE 4-7:
DE2 COMMUNICATION MESSAGES FROM MCP8021/2 TO HOST (CONTINUED)
MESSAGE
BYTE BIT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com