Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 5 Page - Microchip Technology

  MCP8021 Datasheet HTML 1Page - Microchip Technology MCP8021 Datasheet HTML 2Page - Microchip Technology MCP8021 Datasheet HTML 3Page - Microchip Technology MCP8021 Datasheet HTML 4Page - Microchip Technology MCP8021 Datasheet HTML 5Page - Microchip Technology MCP8021 Datasheet HTML 6Page - Microchip Technology MCP8021 Datasheet HTML 7Page - Microchip Technology MCP8021 Datasheet HTML 8Page - Microchip Technology MCP8021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 5
MCP8021/2
Typical Application Circuit
Host Controller
O
O
O
O
O
O
Tx
O
I
HSA
HSB
HSC
LSA
LSB
LSC
PHB
PHC
GND
VBOOT
EP
47 K
A
B
C
22 K
A/D A/D A/D
VDD
GND
PWMAH
PWMBH
PWMCH
PWMAL
PWMBL
PWMCL
Control Logic
PHA
+12V
/FAULT
OE
70 mA
VREG LDO
12V @ 30 mA
Regulated Charge Pump
CAP1
CAP2
VDD
VREG
DE2
UART
I
I
I
I
I
I
I
O
O
O
O
O
O
O
I
I
I
+12V
VBA
VBB
VBC
+
-
+
-
+
-
MCP8022
IN1+
IN2+
IN3+
IN1-
IN2-
IN3-
OUT3
OUT2
OUT1
Rx
2 K
WAKE
P
O
VREG
VREG
VREG
VREG
CVREG
CVDD
CCP
CVBOOT
+
Note:
A Schottky diode between the CAP1 pin and HVSS is recommended to ensure that the CAP1 pin absolute
minimum voltage specification is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com