Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 8Page - Microchip Technology MCP8021 Datasheet HTML 9Page - Microchip Technology MCP8021 Datasheet HTML 10Page - Microchip Technology MCP8021 Datasheet HTML 11Page - Microchip Technology MCP8021 Datasheet HTML 12Page - Microchip Technology MCP8021 Datasheet HTML 13Page - Microchip Technology MCP8021 Datasheet HTML 14Page - Microchip Technology MCP8021 Datasheet HTML 15Page - Microchip Technology MCP8021 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
MCP8021/2
DS20006265D-page 12
 2020-2024 Microchip Technology Inc. and its subsidiaries
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges (Note 1)
Specified Temperature Range
TA
-40
—
+150
°C
Operating Temperature Range
TJ
-40
—
+165
°C
Storage Temperature Range
TA
-55
—
+165
°C
Package Thermal Resistances
5 mm x 5 mm 28-Lead VQFN
JA
—
35
—
°C/W 4-Layer JC51-7 standard board,
natural convection
JC
—10
—
5 mm x 5 mm 40-Lead VQFN
JA
—
35
—
°C/W 4-Layer JC51-7 standard board,
natural convection
JC
—10
—
4.4 mm 28-Lead TSSOP-EP,
0.65 mm Pitch
JA
—
34
—
°C/W 4-Layer JC51-7 standard board,
natural convection
JC
—5
—
4.4 mm 38-Lead TSSOP-EP,
0.50 mm Pitch
JA
—
34
—
°C/W 4-Layer JC51-7 standard board,
natural convection
JC
—5
—
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +165°C rating. Sustained junction temperatures above +165°C can impact the device reliability.
ESD, SUSCEPTIBILITY, SURGE AND LATCH-UP TESTING
Parameter
Standard and Test Condition
Value
Input Voltage Surges
ISO 16750-2
40V for 500 ms
ESD HBM with 1.5 k
/100 pF
CEI/IEC 60749-26: 2006
AEC-Q100-002-Ref E
JEDEC JS-001-2017
±2 kV
ESD CDM – Corner Pins
ANSI/ESD-STM5.3.1-2009
CDM13073
AEC-Q100-011-Ref_B
±750V
ESD CDM – All Other Pins
ANSI/ESD-STM5.3.1-2009
CDM13073
AEC-Q100-011-Ref_B
±500V
Latch-Up Susceptibility
AEC Q100-004, 150°C
JEDEC JESD78
> 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com