Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 12Page - Microchip Technology MCP8021 Datasheet HTML 13Page - Microchip Technology MCP8021 Datasheet HTML 14Page - Microchip Technology MCP8021 Datasheet HTML 15Page - Microchip Technology MCP8021 Datasheet HTML 16Page - Microchip Technology MCP8021 Datasheet HTML 17Page - Microchip Technology MCP8021 Datasheet HTML 18Page - Microchip Technology MCP8021 Datasheet HTML 19Page - Microchip Technology MCP8021 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
MCP8021/2
DS20006265D-page 16
 2020-2024 Microchip Technology Inc. and its subsidiaries
TABLE 3-2:
MCP8022 – PIN FUNCTION TABLE
40-Lead
VQFN
38-Lead
TSSOP
Symbol
I/O
Description
1
5
DE2
I/O
Digital input/output, half-duplex communications, open-drain
2
6
PWMCL
I
Digital input, Phase C low-side control, pull-down resistor
3
7
PWMCH
I
Digital input, Phase C high-side control, pull-down resistor
4
8
PWMBL
I
Digital input, Phase B low-side control, pull-down resistor
5
9
PWMBH
I
Digital input, Phase B high-side control, pull-down resistor
6
10
PWMAL
I
Digital input, Phase A low-side control, pull-down resistor
7
11
PWMAH
I
Digital input, Phase A high-side control, pull-down resistor
8
12
OE
I
Digital input, device output enable, pull-down resistor
913
FAULT
O
Digital output, driver Fault, open-drain
10
PGND
Power
Power 0V reference
11
14
OUT3
O
Operational Amplifier 3 output
12
15
IN3-
I
Operation Amplifier 3 inverting input
13
16
IN3+
I
Operation Amplifier 3 noninverting input
14
17
OUT2
O
Operational Amplifier 2 output
15
18
IN2-
I
Operation Amplifier 2 inverting input
16
19
IN2+
I
Operation Amplifier 2 noninverting input
17
20
OUT1
O
Operational Amplifier 1 output
18
21
IN1-
I
Operation Amplifier 1 inverting input
19
22
IN1+
I
Operation Amplifier 1 noninverting input
20
23
WAKE
I
HV digital edge-triggered input, device wake-up from Sleep, pull-down resistor
21
24
PGND
Power
Power 0V reference
22
25
PHC
I/O
Phase C high-side MOSFET driver bias reference
23
26
HSC
O
Phase C high-side N-channel MOSFET gate drive
24
27
VBC
Power
Phase C high-side MOSFET driver bias
25
28
PHB
I/O
Phase B high-side MOSFET driver bias reference
26
29
HSB
O
Phase B high-side N-channel MOSFET gate drive
27
30
VBB
Power
Phase B high-side MOSFET driver bias
28
31
PHA
I/O
Phase A high-side MOSFET driver bias reference
29
32
HSA
O
Phase A high-side N-channel MOSFET gate drive
30
33
VBA
Power
Phase A high-side MOSFET driver bias
—34
PGND
Power
Power 0V reference
31
35
LSC
O
Phase C low-side N-channel MOSFET gate drive
32
36
LSB
O
Phase B low-side N-channel MOSFET gate drive
33
37
LSA
O
Phase A low-side N-channel MOSFET gate drive
34
38
VBOOT
Power
Bootstrap and internal low-side gate drive circuit supply output
35
PGND
Power
Power 0V reference
36
PGND
Power
Power 0V reference
37
1
VREG
Power
Linear regulator output
38
2
VDD
Power
Input supply
39
3
CAP2
I/O
Charge pump flying capacitor input
40
4
CAP1
I/O
Charge pump flying capacitor input(1)
EP
EP
PGND
Power
Exposed Pad;connect to power 0V reference (PGND)
Note 1: 1A Schottky diode between the CAP1 pin and HVSS is recommended to ensure that the CAP1 pin abso-
lute minimum voltage specification is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com