Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 41Page - Microchip Technology MCP8021 Datasheet HTML 42Page - Microchip Technology MCP8021 Datasheet HTML 43Page - Microchip Technology MCP8021 Datasheet HTML 44Page - Microchip Technology MCP8021 Datasheet HTML 45Page - Microchip Technology MCP8021 Datasheet HTML 46Page - Microchip Technology MCP8021 Datasheet HTML 47Page - Microchip Technology MCP8021 Datasheet HTML 48Page - Microchip Technology MCP8021 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 45
MCP8021/2
5.2.6
AUTO-BAUD CODE EXAMPLE
Example 5-1 is a dsPIC® DSC code example using
the auto-baud function.
EXAMPLE 5-1:
dsPIC® DSC AUTO-BAUD EXAMPLE
// #define FCY 70000000UL
#define TypBaudrate 9600uL
#define U1BRG_BAUDRATE (FCY/(16 * TypBaudrate)) - 1
#define U1BRG_BAUD_MIN
((((FCY/(16 * TypBaudrate)) - 1)*1.07f))
//plus 7%
#define U1BRG_BAUD_MAX
((((FCY/(16 * TypBaudrate)) - 1)*0.93f))
//minus 7%
#define U1BRG_BREAK
(FCY/(16 * 7880uL)) - 1
//7880 baud-rate is midpoint of
//required break window for MCP8021
void UART1_Init(void){
//UART configuration - setup PPS connections
U1MODEbits.UARTEN = 1; // enable UART
//and UART module enable here
}
void UART1_AutoBaud(void){
U1MODEbits.ABAUD = 0;
int lastBRG = U1BRG;
//save last known good BRG value - on POR BRG value
//will be 0x0
U1STAbits.UTXEN = 1;
//Transmit enabled, UxTX pin controlled by UARTx
while(U1STAbits.UTXBF);
//Wait for transmit buffer to empty
while(!U1STAbits.TRMT);
//wait for last byte to finish transmitting
U1BRG = U1BRG_BREAK;
//7880baud representing 1.65ms dominant
//with 13bit BREAK
U1STAbits.UTXBRK = 1;
//Send BREAK command
U1TXREG = 0x00;
//Dummy write to start BREAK command
while (U1STAbits.UTXBRK);
//wait for completion of BREAK sequence
while (!U1STAbits.TRMT);
//wait for last break bit to transmit
U1STAbits.UTXEN = 0;
//disable TX while waiting on 0x55 from MCP8021
U1MODEbits.ABAUD = 1;
//start the ABAUD counter upon receipt of
//next byte (0x55)
while(U1MODEbits.ABAUD);
//application should handle timeout if auto-baud
//does not complete and attempt auto-baud routine again
//verify new baud clock is within limits of MCP8021 min and
//max baud-rate
if ((U1BRG > U1BRG_BAUD_MAX) && (U1BRG < U1BRG_BAUD_MIN)){ //success, use new baud-rate
//generator value
}
else{
U1BRG = lastBRG;
//auto-baud out of range, reload last known good BRG value
//and attempt auto-baud routine again
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com