Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 1 Page - Microchip Technology

  MCP8021 Datasheet HTML 1Page - Microchip Technology MCP8021 Datasheet HTML 2Page - Microchip Technology MCP8021 Datasheet HTML 3Page - Microchip Technology MCP8021 Datasheet HTML 4Page - Microchip Technology MCP8021 Datasheet HTML 5Page - Microchip Technology MCP8021 Datasheet HTML 6Page - Microchip Technology MCP8021 Datasheet HTML 7Page - Microchip Technology MCP8021 Datasheet HTML 8Page - Microchip Technology MCP8021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 1
MCP8021/2
Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Three Half-Bridge Drivers Configured to Drive
External High-Side NMOS and Low-Side NMOS
MOSFETs:
- Independent input control for high-side and
low-side NMOS MOSFET gate drives
- Typical peak output current: 0.5A @ 12V
- Shoot-through protection
- Overcurrent and short-circuit protection
• Three Operational Amplifiers (MCP8022)
• Fixed Output Linear Regulator:
- 3.3V or 5.0V @ 70 mA
- True current foldback
• Supply Current:
- Sleep mode: 5 µA typical
- Standby mode: < 330 µA (MCP8021)
- Standby mode, op amps off: < 330 µA
(MCP8022)
- Standby mode, op amps on: < 1300 µA
(MCP8022)
• Dedicated WAKE Pin for Sleep Mode Recovery
• Dedicated FAULT Pin
• Single Wire UART Communications
• Supply Voltage Range: 4V-40V
• Operational Voltage Range: 6.25V-29V
• Gate Drive Undervoltage Lockout: 4.5V
• Supply Voltage Undervoltage Shutdown: 4.5V
• Supply Voltage Undervoltage Lockout (UVLO): 6.25V
• Overvoltage Lockout (OVLO): 29V
• Temperature Range (TJ): -40°C to +165°C
• Thermal Shutdown
Applications
• Automotive Applications like Fuel, Water, Oil
Pumps, Ventilation Motors, Window Lift, Trunk
Openers, Sun Roof
• Home Appliances
• Permanent Magnet Synchronous Motor (PMSM)
Control
• Hobby Aircraft, Boats, Vehicles
Description
The MCP8021/2 devices are 3-phase Brushless DC
(BLDC) power modules containing three integrated
half-bridge drivers, capable of driving three external
NMOS/NMOS transistor pairs. The three half-bridge
drivers are capable of delivering a peak output current
of 0.5A at 12V for driving high-side and low-side
NMOS MOSFET transistors. The drivers have shoot-
through, overcurrent and short-circuit protection. A
Sleep mode has been added to achieve a typical “key
off” quiescent current of 5 µA.
The MCP8021/2 devices integrate a 3.3V or 5.0V
LDO regulator for host and peripheral power, an
overtemperature sensor and user-configurable functions.
The user-configurable functions are: dead time, blank-
ing time, op amp enable/disable during standby, enable/
disable Sleep mode, enable/disable overcurrent
detection and enable/disable gate drive undervoltage
protection.
The on-board 3.3V or 5.0V dropout voltage regulators
are capable of delivering 70 mA of current. The
voltage option is selected by part number.
The MCP8022 device adds three independent
operational amplifiers for general use.
The MCP8021/2 functional operation is specified over
a junction temperature range of -40°C to +165°C.
Package options for the MCP8021 include 28-Lead
5x5 mm VQFN and 28-Lead TSSOP-EP. Package
options for the MCP8022 include 40-Lead 5x5 mm
VQFN and 38-Lead TSSOP-EP.
3-Phase Brushless DC (BLDC) Motor Gate Driver with
Power Module, Sleep Mode, Op Amps


Similar Part No. - MCP8021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
MCP8025 MICROCHIP-MCP8025 Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
MCP8025-115E/MP MICROCHIP-MCP8025-115E/MP Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
MCP8025-115E/PT MICROCHIP-MCP8025-115E/PT Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
MCP8025-115H/MP MICROCHIP-MCP8025-115H/MP Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
More results

Similar Description - MCP8021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
logo
Microchip Technology
MCP8025 MICROCHIP-MCP8025 Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com