Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 5Page - Microchip Technology MCP8021 Datasheet HTML 6Page - Microchip Technology MCP8021 Datasheet HTML 7Page - Microchip Technology MCP8021 Datasheet HTML 8Page - Microchip Technology MCP8021 Datasheet HTML 9Page - Microchip Technology MCP8021 Datasheet HTML 10Page - Microchip Technology MCP8021 Datasheet HTML 11Page - Microchip Technology MCP8021 Datasheet HTML 12Page - Microchip Technology MCP8021 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 9
MCP8021/2
MOTOR CONTROL UNIT
Gate Output Drivers
Output Driver Source Current
ISOURCE
0.25
0.37
A
HS[A:C], LS[A:C] (Note 1)
Output Driver Sink Current
ISINK
0.3
0.49
A
HS[A:C], LS[A:C] (Note 1)
Output Driver Source Resistance RDSONSOURCE
—14
26
IOUT = -10 mA, HS[A:C],
LS[A:C]
Output Driver Sink Resistance
LS
RDSONSINKLS
14
26
IOUT = 10 mA, LS[A:C]
Output Driver Sink Resistance
HS Dynamic
RDSONSINKHS-
DYN
—14
26
IOUT = 10 mA, HS[A:C],
t < 1 ms
Output Driver Sink Resistance
HS
RDSONSINKHS
19
31
IOUT = 10 mA, HS[A:C]
Output Driver Fault Blanking
Time (UVLO and OCP); Set in
the DRVBL[1:0] bits (CFG2[1:0])
tBLANK
3900
4400
4900
ns
00 – Default (Note 1)
2000
2200
2400
01 (Note 1)
900
1100
1300
10 (Note 1)
400
550
700
11 (Note 1)
Output Driver UVLO Threshold
VDUVLO
4
4.5
V
Configuration Register 0
(bit 3 = 0)
Output Driver PWM Dead Time;
Set in the DRVDT[2:0] bits
(CFG2[4:2])
tPWM_DEAD
1800
2000
2200
ns
000 – Default (Note 1)
1550
1750
1950
001 (Note 1)
1350
1500
1650
010 (Note 1)
1100
1250
1400
011 (Note 1)
900
1000
1150
100 (Note 1)
650
750
900
101 (Note 1)
450
500
650
110 (Note 1)
200
250
350
111 (Note 1)
Output Driver Propagation Delay
Time On
tGATE_PROP_ON
40
80
ns
From PWMxy active to
HSx/LSx > 10% (Note 1)
Output Driver Propagation Delay
Time Off
tGATE_PROP_OFF
40
80
ns
From PWMxy inactive to
HSx/LSx < 90% (Note 1)
Output Driver HS Drive Voltage
VHS
4.5
12
12.5
V
With respect to Phase pin
(Note 1)
Output Driver LS Drive Voltage
VLS
4.5
12
12.5
V
With respect to ground (Note 1)
Output Driver Short-Circuit
Protection Threshold
(High-Side: VDD – VPHX),
(Low-Side: VPHX – PGND); Set
in the EXTOC[1:0] bits
(CFG0[1:0])
DSC_THR
0.230
0.250
0.270
V
00 – Default (Note 1)
0.470
0.500
0.530
01 (Note 1)
0.720
0.750
0.780
10 (Note 1)
0.960
1.000
1.040
11 (Note 1)
Output Driver Short-Circuit Filter
Time
TSC_DLY
230
600
ns
CLOAD = 1000 pF, VDD = 12V,
detection after filtering (Note 1)
Filter Time for All Other Faults
TFLT_DLY
1400
3600
ns
Note 1
Power-Up or Sleep to Standby
tPOWER
—5
ms
IVREG =70 mA
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted: TJ = -40°C to +150°C; typical values are for +25°C, VDD = 13.5V,
CVBOOT = 4.7 µF, CVREG =4.7 µF, CCP = 220 nF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Limits based on design, simulation or characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com