Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 23Page - Microchip Technology MCP8021 Datasheet HTML 24Page - Microchip Technology MCP8021 Datasheet HTML 25Page - Microchip Technology MCP8021 Datasheet HTML 26Page - Microchip Technology MCP8021 Datasheet HTML 27Page - Microchip Technology MCP8021 Datasheet HTML 28Page - Microchip Technology MCP8021 Datasheet HTML 29Page - Microchip Technology MCP8021 Datasheet HTML 30Page - Microchip Technology MCP8021 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 27
MCP8021/2
4.6
Motor Control Unit
The motor control unit is comprised of the following:
• External Drive for a 3-Phase Bridge with
NMOS/NMOS MOSFET Pairs
• MOSFET Driver Undervoltage Lockout
• External MOSFET Short-Circuit Current
•FAULT Pin Output
• Cross Conduction Protection
• Programmable Dead Time
• Programmable Blanking Time
• Three General Purpose Operational Amplifiers
(MCP8022)
4.6.1
EXTERNAL DRIVE FOR A 3-PHASE
BRIDGE WITH NMOS/NMOS
MOSFET PAIRS
Each motor phase is driven with external NMOS/
NMOS MOSFET pairs. These are controlled by a low-
side and a high-side gate driver. The gate drivers are
controlled by the digital input pins, PWM[A:C]H/L. A
logic high turns the associated gate driver on and a
logic low turns the associated gate driver off. The
PWM[A:C]H/L digital inputs are equipped with internal
pull-down resistors.
The low-side gate drivers are biased by the VBOOT
regulator output, referenced to ground. The high-side
gate drivers are a floating drive biased by a bootstrap
capacitor circuit. The bootstrap capacitor is charged by
the VBOOT regulator whenever the accompanying
low-side MOSFET is turned on.
The high-side and low-side driver outputs all go to a low
state whenever there is a Fault, when OE = 0 for more
than 1 ms or when Sleep mode is active, regardless of
the PWM[A:C]H/L inputs.
The gate driver output stages have lower dynamic
RDSONDYN in the time frame up to 1 ms after output
activation. This is the relevant drain source on resis-
tance for charging or discharging the external MOSFET
gates.
After elapsing 1 ms or later, the high-side gate driver,
RDSON, increases slightly up to the static RDSON value.
4.6.2
MOSFET GATE DRIVE
UNDERVOLTAGE LOCKOUT (UVLO)
The MOSFET gate drive undervoltage lockout Fault
detection monitors the available voltage used to drive
the external MOSFET gates. The Fault detection is only
active while the driver is actively driving the external
MOSFET gate. Any time the driver bias voltage is below
the gate drive undervoltage lockout threshold (VDUVLO)
for a time longer than specified by the tDUVLO parameter,
the driver will not turn on when commanded on. A driver
Fault will be indicated to the host microcontroller on the
FAULT open-drain output pin and also via a DE2 com-
munications Status_1 message. This is a latched
Fault. Clearing the Fault requires either removal of
device power or disabling and re-enabling the device
via the device Output Enable (OE) input. The
EXTUVLO bit in the CFG0 register is used to enable or
disable the driver undervoltage lockout feature. This
protection feature prevents the external MOSFETs from
being controlled with a gate voltage not suitable to fully
enhance the device.
4.6.3
EXTERNAL MOSFET
SHORT-CIRCUIT CURRENT OCP
Short-circuit protection monitors the voltage across the
external MOSFETs during an on condition. The high-
side driver voltage is measured from VDD to PH[A:C].
The low-side driver voltage is measured from PH[A:C] to
ground. If a monitored voltage rises above a user-
configurable threshold after the driver HS[A:C] or
LS[A:C] output voltage has been driven high, all drivers
will be turned off. A driver Fault will be indicated to the
host microcontroller on the open-drain FAULT output pin
and also via a DE2 communications Status_1 mes-
sage. This is a latched Fault. Clearing the Fault requires
either removal of device power or toggling the OE input
pin low-to-high. This protection feature helps detect
internal motor failures, such as winding to case shorts.
The short-circuit voltage may be set via a DE2
Set_Cfg_0 message. The EXTOC[1:0] bits of the
CFG0 register are used to select the voltage level for
the short-circuit comparison. If a monitored voltage dif-
ferential between VDD and PH[A:C], or between
PH[A:C] and PGND, exceeds the selected voltage level
when the MOSFET gate drive is active, a Fault will be
triggered. The selectable voltage levels are 250 mV,
500 mV, 750 mV and 1000 mV. The EXTSC bit of the
CFG0 register is used to enable or disable the
MOSFET driver short-circuit detection.
4.6.4
GATE CONTROL LOGIC
The gate control logic enables level shifting of the
digital inputs, polarity control and cross conduction
protection.
4.6.4.1
Cross Conduction Protection
If both MOSFETs in the same half-bridge are
commanded on by the digital PWM inputs, both will be
turned off.
Note:
The driver short-circuit protection is
dependent on application parameters. A
configuration message is provided for a
set number of threshold levels. The
MOSFET gate drive UVLO and short-
circuit protection features have the option
to be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com