Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 22Page - Microchip Technology MCP8021 Datasheet HTML 23Page - Microchip Technology MCP8021 Datasheet HTML 24Page - Microchip Technology MCP8021 Datasheet HTML 25Page - Microchip Technology MCP8021 Datasheet HTML 26Page - Microchip Technology MCP8021 Datasheet HTML 27Page - Microchip Technology MCP8021 Datasheet HTML 28Page - Microchip Technology MCP8021 Datasheet HTML 29Page - Microchip Technology MCP8021 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
MCP8021/2
DS20006265D-page 26
 2020-2024 Microchip Technology Inc. and its subsidiaries
TABLE 4-4:
INTERNAL FUNCTION BLOCK STATUS
System State
Fault
Conditions
Sleep
OE = 0, SLEEP = 1
W —————
—
Standby
OE = 0, SLEEP = 0
—A— —
A
C
A
Operating
OE = 1, FAULT = 1
—
AAAAA
A
Faults
FAULT = 0
Driver OTPF
TJ Temperature > TSD
————
D
—
A
VDDUVLO
VDD  UVLOINACT
—A— —
A
A
A
VDDUVSHDN
VDD  UVSHDNINACT
————
E
—
—
VDDOVLO
VDD  OVLOINACT
—A— —
A
A
A
VREG LDO UVF
VREG  88% VREG
—A— —
A
A
A
MOSFET UVLO
VHS[A:C] < VDUVLO
VLS[A:C] < VDUVLO
—A
A—A
A
A
MOSFET OCPF
VDrain Source > EXTOC[1:0] setting
—
A
A
—
A
A
A
Warnings
FAULT = 1
Driver temperature
TJ Temperature > TWARN
—
AAAAA
A
Power Status
Configuration lost if
Power-on Reset, wake from
Sleep or recover from VDD
undervoltage shutdown
occurred
Set at initial power-up, when
VDD < UVSHDNACT or when
waking from Sleep
—
AAAAA
A
Legend: — = Inactive (Off); A = Active (On); C = Configurable; D = Inactive (Off) 5 ms after sent Fault message;
E = Inactive (Off); R = Receiver Only; W = Wake-up (from Sleep); OCPF = Overcurrent Protection;
OTPF = Overtemperature Protection; UVLO = Undervoltage Lockout; OVLO = Overvoltage Lockout;
UVF = Undervoltage Fault; UVSHDN = Undervoltage Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com