Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 30Page - Microchip Technology MCP8021 Datasheet HTML 31Page - Microchip Technology MCP8021 Datasheet HTML 32Page - Microchip Technology MCP8021 Datasheet HTML 33Page - Microchip Technology MCP8021 Datasheet HTML 34Page - Microchip Technology MCP8021 Datasheet HTML 35Page - Microchip Technology MCP8021 Datasheet HTML 36Page - Microchip Technology MCP8021 Datasheet HTML 37Page - Microchip Technology MCP8021 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
MCP8021/2
DS20006265D-page 34
 2020-2024 Microchip Technology Inc. and its subsidiaries
TABLE 4-7:
DE2 COMMUNICATION MESSAGES FROM MCP8021/2 TO HOST
MESSAGE
BYTE BIT
VALUE
DESCRIPTION
SET_CFG_0
17:0 00000001 (01h) Command not Acknowledged (response)
01000001 (41h) Command Acknowledged (response)
27
0
Reserved
6
0
Reserved (MCP8021)
0
Operational amplifiers enabled in Standby mode (default) (MCP8022)
1
Operational amplifiers disabled in Standby mode (MCP8022)
5
0
System enters Standby mode when OE = 0, SLEEP = 0 for more than
1ms
1
System enters Sleep mode when OE = 0, SLEEP = 1 for more than
1ms
4
0
Reserved
3
0
External MOSFET undervoltage lockout enabled (default)
1
External MOSFET undervoltage lockout disabled
2
0
External MOSFET short-circuit detection enabled (default)
1
External MOSFET short-circuit detection disabled
1:0 00
0.250V external MOSFET overcurrent limit (default)
01
0.500V external MOSFET overcurrent limit
10
0.750V external MOSFET overcurrent limit
11
1.000V external MOSFET overcurrent limit
GET_CFG_0
17:0 00000010 (02h) Command not Acknowledged (response)
01000010 (42h) Command Acknowledged (response)
27
0
Reserved
6
0
Reserved (MCP8021)
0
Operational amplifiers enabled in Standby mode (MCP8022)
1
Operational amplifiers disabled in Standby mode (MCP8022)
5
0
System enters Standby mode when OE = 0, SLEEP = 0 for more than
1ms
1
System enters Sleep mode when OE = 0, SLEEP = 1 for more than
1ms
4
0
Reserved
3
0
External MOSFET undervoltage lockout enabled
1
External MOSFET undervoltage lockout disabled
2
0
External MOSFET short-circuit detection enabled
1
External MOSFET short-circuit detection disabled
1:0 00
0.250V external MOSFET overcurrent limit
01
0.500V external MOSFET overcurrent limit
10
0.750V external MOSFET overcurrent limit
11
1.000V external MOSFET overcurrent limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com