Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 49Page - Microchip Technology MCP8021 Datasheet HTML 50Page - Microchip Technology MCP8021 Datasheet HTML 51Page - Microchip Technology MCP8021 Datasheet HTML 52Page - Microchip Technology MCP8021 Datasheet HTML 53Page - Microchip Technology MCP8021 Datasheet HTML 54Page - Microchip Technology MCP8021 Datasheet HTML 55Page - Microchip Technology MCP8021 Datasheet HTML 56Page - Microchip Technology MCP8021 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 53
MCP8021/2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
H
DETAIL A
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
0.65 BSC
0.90
0.50
0.19
-
0.05
-
0.60
-
-
MILLIMETERS
MIN
NOM
28
0.70
0.30
1.10
0.15
MAX
L1
1.00 REF
Footprint
Overall Length
D
9.70 BSC
Terminal Thickness
c
0.09
-
0.20
R1
R2
-
0.09
-
Lead Bend Radius
-
0.09
-
Lead Bend Radius
-
Foot Angle
2
14°
Mold Draft Angle
0.85
0.95
3
14°
Mold Draft Angle
6.40 BSC
4.40 BSC
-
-
-
-
R1
R
c
4X
3
(L1)
L
4X
2
28-Lead Shrink Smal Outline Package (KEX) - 4.4 mm (.300 In.) Body [TSSOP]
With 3.1x4.6 mm Exposed Pad
Microchip Technology Drawing C04-521 Rev A
Exposed Pad Length
D1
4.50
4.60
4.70
Exposed Pad Width
E2
3.00
3.10
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com