Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8021 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 19Page - Microchip Technology MCP8021 Datasheet HTML 20Page - Microchip Technology MCP8021 Datasheet HTML 21Page - Microchip Technology MCP8021 Datasheet HTML 22Page - Microchip Technology MCP8021 Datasheet HTML 23Page - Microchip Technology MCP8021 Datasheet HTML 24Page - Microchip Technology MCP8021 Datasheet HTML 25Page - Microchip Technology MCP8021 Datasheet HTML 26Page - Microchip Technology MCP8021 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 23
MCP8021/2
4.2.3
VREG LOW DROPOUT LINEAR
REGULATOR (LDO)
The VREG LDO is used to bias an external micro-
controller, the internal operational amplifiers and the
gate control logic.
The VREG LDO is capable of supplying 70 mA of
external load current. The regulator has a minimum
overcurrent limit of 80 mA. When the regulator current
exceeds the overcurrent limit, the regulator will enter a
True Current and Voltage Foldback mode based upon
load impedance. As the load impedance decreases
towards zero ohms, the regulator output current and
voltage will also decrease until the final foldback
current and voltage are attained.
When the regulator output voltage drops below the
VREG undervoltage limit, the VREGUVF undervoltage
Fault bit will be set in the STAT1 register. The regulator
will remain active during the Fault. Table 4-1 shows
the registers and bits associated with Faults.
The VREG LDO will be disabled when the VDD supply
voltage undervoltage Fault occurs. The VREG LDO will
be re-enabled when the conditions in Section 4.3.1
“Voltage Supervisor” are met.
A minimum of 4.7
µF ceramic output capacitance is
required for the VREG LDO; 10 µF is recommended
to increase transient performance when a host
microcontroller is attached.
The VREG LDO is disabled while the system is in Sleep
mode. In the case of Sleep mode, the VREG LDO
output voltage is held down with a 1 kOhm pull-down
resistor.
4.3
Supervisor
The bias generator incorporates a voltage supervisor
and a temperature supervisor.
4.3.1
VOLTAGE SUPERVISOR
The voltage supervisor protects the device, external
power MOSFETs and the external microcontroller from
damage due to overvoltage or undervoltage of the
input supply, VDD.
In the event of an undervoltage condition,
VDD <UVLOACT,
or
overvoltage
condition,
VDD >OVLOACT, or VREG LDO undervoltage condi-
tion, VREG < VREGUVFACT, the gate drivers, charge
pump and VBOOT regulator are switched off. The bias
generator, communication port, operational amplifiers
and the remainder of the motor control unit remain
active. The failure state is flagged on the FAULT pin
and a DE2 status message is sent.
In the event of a severe undervoltage condition,
VDD < UVSHDNACT, the entire device will shut down
except for the minimal circuitry required for a Power-on
Reset recovery. A UVSHDN Fault will be set. The VREG
output will be turned off and pulled low to create a
“clean” shutdown of an attached host processor. The
undervoltage shutdown condition is a latched state. The
state machine will be restarted from the Power-on Reset
state when either of the following two conditions are met:
1.
VDD power is cycled.
2.
VDD rises above UVLOINACT (6.0V).
4.3.2
TEMPERATURE SUPERVISOR
An integrated temperature sensor monitors the die
temperature. If the temperature rises above the over-
temperature shutdown threshold, all device functions
are turned off except for those required to send a DE2
Fault message. A Fault will be generated and a DE2
Fault message will be sent. The functions required to
send the DE2 Fault message will then be shut down if
pin OE is set to a low level. Active operation resumes
when the temperature has cooled down below a set
hysteresis value and the Fault has been cleared by
toggling the OE pin from a logic low to a logic high.
It is desirable to signal the microcontroller with a warn-
ing message before the overtemperature threshold is
reached. When the Thermal Warning Temperature
(TWARN) set point is exceeded, a warning message will
be sent to the host microcontroller. The warning
message has no effect upon driver operation. The
microcontroller may then take appropriate actions to
reduce the temperature rise. The method to signal the
microcontroller is through the DE2 pin.
4.4
Output Enable (OE)
The Output Enable (OE) pin allows the device outputs
to be disabled by external control. The Output Enable
pin has three modes of operation.
4.4.1
FAULT CLEARING STATE
The OE pin is used to clear any Faults and re-enable
the driver. After toggling the OE pin low-to-high, the
system requires a minimum time period to re-enable
and start up all of the driver blocks. The start-up time is
approximately 35 μs. The maximum pulse time for the
high-low-high transition to clear the Faults should be
less than 900 μs to prevent the system from transition-
ing through Standby mode. If the high-low-high
transition is longer than 1 ms, the device will start up
from the Standby state.
Any Fault status bits that are set will be cleared by the
low-to-high transition of the OE pin, if and only if, the
Fault condition has ceased to exist. If the Fault condi-
tion still exists, the active Fault status bit will remain
active. No additional Fault messages will be sent for a
Fault that remains active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com