Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics L6718 Datasheet HTML 55Page - STMicroelectronics L6718 Datasheet HTML 56Page - STMicroelectronics L6718 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
DocID023399 Rev 3
53/71
L6718
Output voltage positioning
The RSFB resistor can then be designed according to the RSLL, as follows:
Equation 7
8.5
Dynamic VID transition support
The L6718 manages dynamic VID transitions that allow the output voltage of both sections
to be modified during normal device operation for power management purposes.
When changing dynamically the regulated voltage (DVID), the system must charge or
discharge the output capacitor accordingly. This means that an extra-current IDVID needs to
be delivered (especially when increasing the output regulated voltage) and it must be
considered when setting the overcurrent threshold of both the sections. This current results:
Equation 8
where dVOUT / dTVID depends on the specific command issued (10 mV/μsec. for
SetVID_Fast and 2.5 mV/
μsec. for SetVID_Slow).
Overcoming the OC threshold during the dynamic VID causes the device to latch and
disable.
As soon as the controller receives a new valid command to set the VID level for one (or
both) of the two sections, the reference of the involved section steps up or down according
to the target-VID with the programmed slope until the new code is reached. If a new valid
command is issued during the transition, the device updates the target-VID level and
performs the dynamic transition up to the new code. Protection is increased during the
transition and re-activated with proper delay after the end of the transition to prevent false
triggering.
8.6
DVID optimization: REF/SREF
High slew rate for dynamic VID transitions cause overshoot and undershoot on the
regulated voltage, causing a violation of the microprocessor requirement. To compensate
this behavior and to remove any over/undershoot in the transition, each section features a
DVID optimization circuit.
The reference used for the regulation is available on the REF/SREF pins (see Figure 12).
Connect an RREF/CREF to GND (RSREF / CSREF for the single-phase) to optimize the DVID
behavior. Components may be designed as follows (multi-phase, same equations apply to
single-phase):
R
SFB
R
SLL
R
SG
DCR
-------------
⋅
=
I
DVID
C
OUT
dV
OUT
dT
VID
------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com