Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 26Page - STMicroelectronics L6718 Datasheet HTML 27Page - STMicroelectronics L6718 Datasheet HTML 28Page - STMicroelectronics L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
Device configuration
L6718
30/71
DocID023399 Rev 3
Section 6.6.2 ). This function can be useful in applications where the graphics section needs
to be designed with a multi-phase rail.
When setting MRO mode, the single-phase rail is off and Jmode can not be enabled. Jmode
bitstrapping is still used to select the multi-phase number (see Table 7).
6.4
Jmode
Jmode is selectable during startup through the CONFIG1 pinstrapping pin (see
Section 6.6.3 and Section 6.6.4).
If Jmode is configured, the controller sets the single-phase rail to switch as a completely
independent single-phase rail. As a consequence:
1.
Single-phase rail is not addressed by the SVID bus. The device replies with a NACK to
any request by the CPU to communicate with the single-phase rail.
2.
Single-phase rail becomes the DC-DC controller with an internal reference fixed at 0.75
V, so it is possible to select the output voltage by using a divider.
3.
Droop is disabled on the single-phase rail.
4.
The SREF/JEN pin is configured as single-phase rail enable. As a consequence, this
pin becomes a digital logic input. If it is set HIGH, the device turns on the single-phase
rail, otherwise the single rail remains off. An embedded pull-up sets the pin floating to
high.
5.
The SVREADY is still used as single-phase Power Good.
6.
Single-phase rail maximum current embedded register is fixed at 30 A.
7.
In CPU mode, using the CONFIG0 pinstrapping, it is possible to set the used multi-
phase rail address to 01h (to supply the graphics section).
8.
If a fault occurs on the multi-phase rail, the single-phase rail still runs.
9.
If the device is set in a debug configuration (see Section 6.6), the multi-phase can turn
on only if Jmode is on, while in operating configuration the multi-phase rail and single-
phase rail can be turned on independently.
Jmode is an option for motherboard designs which need the multi-phase rail section to
supply the CPU CORE or DDR sections but they also need a single-phase high
performance DC-DC converter to supply other rails on the motherboard (such as VCCIO).
Jmode offers an advantage by having a free high performance single-phase buck controller
with voltage and current remote differential sensing, LTB, and voltage and current
protection. Output voltage can be increased with the use of an external divider or by adding
offset with SMBus or pinstrapping.
6.5
Phase number configuration
The multi-phase rail can be configured from 2 to 4-phase switching while the single-phase
rail can be also set off in MRO only. By using pinstrapping it is also possible to select the
number of embedded drivers used for the multi-phase rail (see Table 7).
During soft-start the device is able to check the status of the PWMx pins and set the multi-
phase rail total phase number. Setting SWAP mode the device uses all the embedded
drivers for the multi-phase rail section while external PWM is used for the single-phase rail
(see Section 6.3 for details). Jmode can change the status of the total phase number only in
MRO (see Section 6.3.1 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com