Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 43Page - STMicroelectronics L6718 Datasheet HTML 44Page - STMicroelectronics L6718 Datasheet HTML 45Page - STMicroelectronics L6718 Datasheet HTML 46Page - STMicroelectronics L6718 Datasheet HTML 47Page - STMicroelectronics L6718 Datasheet HTML 48Page - STMicroelectronics L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
DocID023399 Rev 3
47/71
L6718
L6718 power manager
7.3
DPM
Dynamic phase management allows the number of working phases to be adjusted
according to the delivered current while still maintaining the benefits of the multi-phase
regulation in order to achieve high efficiency performance.
Phase number is reduced by monitoring the voltage level across the IMON pin: the L6718
reduces the number of working phases according to the DPM strategy.
In order to reach the right DPM threshold, the IMON resistor (between IMON pin and GND)
must be designed to reach 1.24 V when IMAX is applied by the load. A hysteresis (50 mV
typ.) is provided for each threshold in order to avoid multiple DPM actions triggering in
steady load conditions.
Different DPM thresholds can be selected by SMBus or CONFIG3 pinstrapping to match the
application with the best efficiency performance.
When DPM is enabled, the L6718 starts monitoring the IMON voltage for phase number
modifications after VR_RDY has transition high: the soft-start is then implemented in
interleaving mode with all the available phases enabled.
DPM is reset in the case of a SetVID command that affects the CORE section and when
LTB Technology detects a load transient. After being reset, if the voltage across IMON is
compatible, DPM is re-enabled after a proper delay.
2
F
0.715
6
F
1.355
A
F
1.995
E
F
3
0
0.725
7
0
1.365
B
0
2.005
F
0
3
1
0.735
7
1
1.375
B
1
2.015
F
1
3
2
0.745
7
2
1.385
B
2
2.025
F
2
3
3
0.755
7
3
1.395
B
3
2.035
F
3
3
4
0.765
7
4
1.405
B
4
2.045
F
4
3
5
0.775
7
5
1.415
B
5
2.055
F
5
3
6
0.785
7
6
1.425
B
6
2.065
F
6
3
7
0.795
7
7
1.435
B
7
2.075
F
7
3
8
0.805
7
8
1.445
B
8
2.085
F
8
3
9
0.815
7
9
1.455
B
9
2.095
F
9
3
A
0.825
7
A
1.465
B
A
2.105
F
A
3
B
0.835
7
B
1.475
B
B
2.115
F
B
3
C
0.845
7
C
1.485
B
C
2.125
F
C
3
D
0.855
7
D
1.495
B
D
2.135
F
D
3
E
0.865
7
E
1.505
B
E
2.145
F
E
3
F
0.875
7
F
1.515
B
F
2.155
F
F
Table 16. SMBus VID (continued)
HEX Code
VOUT [V]
HEX Code
VOUT [V]
HEX Code
VOUT [V]
HEX Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com