Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 56Page - STMicroelectronics L6718 Datasheet HTML 57Page - STMicroelectronics L6718 Datasheet HTML 58Page - STMicroelectronics L6718 Datasheet HTML 59Page - STMicroelectronics L6718 Datasheet HTML 60Page - STMicroelectronics L6718 Datasheet HTML 61Page - STMicroelectronics L6718 Datasheet HTML 62Page - STMicroelectronics L6718 Datasheet HTML 63Page - STMicroelectronics L6718 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Single NTC thermal monitor and compensation
L6718
60/71
DocID023399 Rev 3
10.2
Thermal compensation
The L6718 supports DCR sensing for output voltage positioning: the same current
information used for voltage positioning is used to define the overcurrent protection and the
current reporting (register 15h in SVI). Having imprecise and temperature-dependant
information leads to a violation of the specifications and misleading information returned to
the SVI master: positive thermal coefficient specific from DCR must be compensated to get
stable behavior of the converter as the temperature increases. Un-compensated systems
show temperature dependencies on the regulated voltage, overcurrent protection and
current reporting (Reg 15h).
The temperature information available on the TM pin and used for the thermal monitor may
also be used for this purpose. In single NTC thermal compensation, the L6718 corrects the
IDROOP and IMON current by comparing the voltage on the TM pin with the voltage present
on the TCOMP pin and recovering the DCR temperature deviation. Depending on the NTC
location and distance from the inductors and the available airflow, the correlation between
NTC temperature and DCR temperature may be different: TCOMP adjustments allow the
gain between the sensed temperature and the correction made on the IDROOP and IMON
currents to be modified.
Shorting TCOMP to GND disables single NTC thermal compensation on the multi-phase
rail. In this case IDROOP and IMON can be still adjusted by adding one NTC on the
compensation network for IDROOP and another NTC for the current monitoring network for
IMON. Both NTCs must be positioned close to the inductor related to Phase1 as it is the only
phase working in all PS status.
If STCOMP/DDR is short to GND, the DDR mode is selected and the single NTC thermal
compensation is disabled on the single-phase rail. In this case the two currents can be
adjusted by adding an NTC close to the inductor on the compensation network for IDROOP
and the current monitoring network for IMON.
10.3
TM and TCOMP design
This procedure applies to both the single-phase and multi-phase section when using single
NTC thermal compensation:
1.
Properly choose the resistive network to be connected to the TM pin. The
recommended values/network is given in Figure 13.
2.
Connect the voltage generator to the TCOMP pin (default value 3.3 V).
3.
Power on the converter and load the thermal design current (TDC) with the desired
cooling conditions. Record the output voltage regulated as soon as the load is applied.
4.
Wait for thermal steady-state. Adjust down the voltage generator on the TCOMP pin in
order to get the same output voltage recorded at point #3.
5.
Design the voltage divider connected to TCOMP (between VCC5 and GND) in order to
get the same voltage set to TCOMP at point #4.
6.
Repeat the test with the TCOMP divider designed at point #5 and verify the thermal
drift is acceptable. In the case of positive drift (i.e. output voltage at thermal steady-
state is bigger than the output voltage immediately after loading TDC current), change
the divider at the TCOMP pin in order to reduce the TCOMP voltage. In the case of
negative drift (i.e. output voltage at thermal steady-state is smaller than the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com