Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 46Page - STMicroelectronics L6718 Datasheet HTML 47Page - STMicroelectronics L6718 Datasheet HTML 48Page - STMicroelectronics L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
Output voltage positioning
L6718
50/71
DocID023399 Rev 3
8
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode (CPU,
DDR, GPU, Jmode, see Section 7 for details) for the two sections and by programming the
droop function effect (see Figure 10). The controller reads the current delivered by each
section by monitoring the voltage drop across the DCR inductors. The current (IDROOP /
ISDROOP) sourced from the FB/SFB pins, directly proportional to the read current, causes
the related section output voltage to vary according to the external RFB / RSFB resistor,
therefore implementing the desired load-line effect.
In DDR mode it is possible to disable or to decrease the droop effect by using CONFIG1
pinstrapping (see Section 6.6.4 for details).
The L6718 embeds a dual remote-sense buffer to sense remotely the regulated voltage of
each section without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Figure 10. Voltage positioning
8.1
Multi-phase section - current reading and current sharing
loop
The L6718 embeds a flexible, fully-differential current sense circuitry that is able to read
across the inductor parasitic resistance or across a sense resistor placed in series to the
inductor element. The fully-differential current reading rejects noise and allows the placing
of sensing elements in different locations without affecting the measurement accuracy. The
trans-conductance ratio is issued by the external resistor RG placed outside the chip
between the CSxN pin toward the reading points. The current sense circuit always tracks
the current information, the pin CSxP is used as a reference keeping the CSxN pin to this
voltage. To correctly reproduce the inductor current, an R-C filtering network must be
introduced in parallel to the sensing element. The current that flows from the CSxN pin is
then given by the following equation (see Figure 11):
REFERENCE
FB
COMP
VSEN
RGND
RF
CF
RFB
To VddCORE
(Remote sense)
Protection
Monitor
from DAC...
ROS
AM12884v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com