Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6718 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 22Page - STMicroelectronics L6718 Datasheet HTML 23Page - STMicroelectronics L6718 Datasheet HTML 24Page - STMicroelectronics L6718 Datasheet HTML 25Page - STMicroelectronics L6718 Datasheet HTML 26Page - STMicroelectronics L6718 Datasheet HTML 27Page - STMicroelectronics L6718 Datasheet HTML 28Page - STMicroelectronics L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Device description and operation
L6718
26/71
DocID023399 Rev 3
5
Device description and operation
The L6718 dual output PWM controller provides an optimized solution for Intel VR12 CPUs
and DDR memory. The three embedded high-current drivers guarantee high performance in
a very compact motherboard design. Both sections feature a differential voltage sensing
and provide complete control logic and protection for high performance stepdown DC-DC
voltage regulators. The multi-phase rail is designed for Intel VR12 CORE or DDR section
and features from 2 to 4 phases. The single-phase rail is designed for the GPU section or
VTT, or as independent DC-DC voltage regulator.
The multi-phase buck converter is the simplest and most cost-effective topology employable
in order to satisfy the high-current requirements of the new microprocessors and modern
high-current VRMs. It allows distribution of equal load and power between the phases using
smaller and cheaper, and more common, external Power MOSFETs and inductors.
The device features 2nd generation LTB Technology™: through a load transient detector, it is
able to turn on simultaneously all the phases. This allows the minimization of the output
voltage deviation and the system cost by providing the fastest response to a load transient.
The device features an additional power management interface compliant with SMBus 2.0
specifications. This feature increases the system application flexibility; the main voltage
regulation parameter (such as overclocking) can be modified while the application is
running, assuring fast and reliable transition.
The device can be run also as a DDR supply which uses the single-phase for the
termination voltage.
The L6718 is designed to run with 2 embedded drivers for the multi-phase rail and one for
the single-phase rail. By using the SWAP mode, it is possible to move all 3 embedded
drivers for the multi-phase rail while the single-phase rail is controlled by an external PWM.
Single-phase rail can also be turned off.
The device supports Jmode; with this feature the single-phase rail becomes an independent
rail with an external enable and VREADY.
The L6718 implements current reading across the inductor in fully differential mode. A
sense resistor in series to the inductor can also be considered to improve reading precision.
The current information read corrects the PWM output in order to equalize the average
current carried by each phase of the multi-phase rail section.
The controller supports VR12 specifications featuring a 25-MHz SVI bus and all the required
registers. The platform can program the default registers through dedicated pinstrapping.
A complete set of protections is available: overvoltage, undervoltage, overcurrent (per-
phase and total) and feedback disconnection guarantees the load to be safe for both rails
under all circumstances.
Special power management features like DPM and VFDE modify the phase number, and
switching frequency to optimize the efficiency over the load range.
The L6718 is available in VFQFPN56 with 7x7 mm body package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com